Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

T1250H Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza T1250H
Descripción Electrónicos  High temperature 12 A Snubberless™ Triacs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1250H Datasheet(HTML) 4 Page - STMicroelectronics

  T1250H Datasheet HTML 1Page - STMicroelectronics T1250H Datasheet HTML 2Page - STMicroelectronics T1250H Datasheet HTML 3Page - STMicroelectronics T1250H Datasheet HTML 4Page - STMicroelectronics T1250H Datasheet HTML 5Page - STMicroelectronics T1250H Datasheet HTML 6Page - STMicroelectronics T1250H Datasheet HTML 7Page - STMicroelectronics T1250H Datasheet HTML 8Page - STMicroelectronics T1250H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
T1235H, T1250H
4/10
Doc ID 13574 Rev 2
Figure 1.
Maximum power dissipation versus
on-state rms current (full cycle)
Figure 2.
On-state rms current versus case
temperature (full cycle)
0
2
4
6
8
10
12
14
012
3
45678
9
10
11
12
P(W)
α=180 °
180°
IT(RMS)(A)
I
T(RMS) (A)
0
2
4
6
8
10
12
14
0
25
50
75
100
125
150
α=180 °
TO-220AB
Insulated
TO-220AB/D²PAK
TC(°C)
Figure 3.
On-state rms current versus
ambient temperature
Figure 4.
Variation of thermal impedance
versus pulse duration
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
25
50
75
100
125
150
I
T(RMS) (A)
α=180 °
D²PAK
S
CU=1 cm²
Tamb(°C)
Epoxy printed circuit board FR4,
copper thickness = 35 µm
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
Z
th(°C/W)
Z
th(j-a)
Z
th(j-c)
tP(s)
Figure 5.
On-state characteristics
(maximum values)
Figure 6.
Surge peak on-state current versus
number of cycles
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
ITM(A)
T
j=25 °C
T
j=150 °C
T
j max. :
V
t0 = 0.80 V
R
d = 30 mΩ
VTM(V)
0
10
20
30
40
50
60
70
80
90
100
110
120
130
1
10
100
1000
I
TSM(A)
Non repetitive
T
j initial=25 °C
Repetitive
T
c=120 °C
One cycle
t=20ms
Number of cycles



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com