Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

T1250H Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza T1250H
Descripción Electrónicos  High temperature 12 A Snubberless™ Triacs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1250H Datasheet(HTML) 2 Page - STMicroelectronics

  T1250H Datasheet HTML 1Page - STMicroelectronics T1250H Datasheet HTML 2Page - STMicroelectronics T1250H Datasheet HTML 3Page - STMicroelectronics T1250H Datasheet HTML 4Page - STMicroelectronics T1250H Datasheet HTML 5Page - STMicroelectronics T1250H Datasheet HTML 6Page - STMicroelectronics T1250H Datasheet HTML 7Page - STMicroelectronics T1250H Datasheet HTML 8Page - STMicroelectronics T1250H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
T1235H, T1250H
2/10
Doc ID 13574 Rev 2
1
Characteristics
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
IT(RMS)
On-state rms current (full sine wave)
D2PAK, TO-220AB
Tc = 130 °C
12
A
TO-220AB Ins
Tc = 120 °C
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25 °C)
F = 50 Hz
t = 20 ms
120
A
F = 60 Hz
t = 16.7 ms
126
I²tI²t Value for fusing
tp = 10 ms
95
A2s
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 150 °C
50
A/µs
VDSM/VRSM
Non repetitive surge peak off-state
voltage
tp = 10 ms
Tj = 25 °C
VDRM/VRRM
+ 100
V
IGM
Peak gate current
tp = 20 µs
Tj = 150 °C
4
A
PG(AV)
Average gate power dissipation
Tj = 150 °C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 150
°C
Table 3.
Electrical characteristics (Tj = 25 °C, unless otherwise specified)
Symbol
Test conditions
Quadrant
Value
Unit
T1235H T1250H
IGT
(1)
VD = 12 V, RL = 33 Ω
I - II - III
MAX.
35
50
mA
VGT
I - II - III
MAX.
1.0
V
VGD
VD = VDRM, RL = 3.3 kΩ
I - II - III
MIN.
0.15
V
IH
(2)
IT = 500 mA
MAX.
35
75
mA
IL
IG = 1.2 IGT
I - III
MAX.
50
90
mA
II
80
110
dV/dt (2)
VD = 67% VDRM, gate open, Tj = 150 °C
MIN.
1000
1500
V/µs
(dI/dt)c (2)
Without snubber, Tj = 150 °C
MIN.
16
21
A/ms
1.
minimum IGT is guaranted at 20% of IGT max.
2.
for both polarities of A2 referenced to A1.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com