Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

T1235T-8I Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza T1235T-8I
Descripción Electrónicos  12 A Snubberless™ Triac
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1235T-8I Datasheet(HTML) 5 Page - STMicroelectronics

  T1235T-8I Datasheet HTML 1Page - STMicroelectronics T1235T-8I Datasheet HTML 2Page - STMicroelectronics T1235T-8I Datasheet HTML 3Page - STMicroelectronics T1235T-8I Datasheet HTML 4Page - STMicroelectronics T1235T-8I Datasheet HTML 5Page - STMicroelectronics T1235T-8I Datasheet HTML 6Page - STMicroelectronics T1235T-8I Datasheet HTML 7Page - STMicroelectronics T1235T-8I Datasheet HTML 8Page - STMicroelectronics T1235T-8I Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
T1235T-8I
Characteristics
DocID030976 Rev 2
5/9
Figure 8: Surge peak on-state current versus
number of cycles
Figure 9: Non repetitive surge peak on-state
current for a sinusoidal pulse with width tp < 10 ms
Figure 10: On-state characteristics (maximum
values)
Figure 11: Relative variation of critical rate of
decrease of main current versus junction
temperature
Figure 12: Relative variation of static dV/dt
immunity versus junction temperature
Figure 13: Relative variation of leakage current
versus junction temperature for different values of
blocking voltage
0
50
100
1
10
100
1000
ITSM(A)
Number of cycles
Repetitive
Tc = 114°C
Non repetitive
Tj initial = 25 °C
t=20ms
O ne c yc le
10
100
1000
0.01
0.10
1.00
10.00
ITSM(A)
t (ms)
p
T initial=25°C
j
ITSM
dI/dt limitation:
100A/µs
1
10
100
0
1
2
3
4
5
ITM(A)
VTM(V)
Tj max.
Vto = 0.85 V
Rd = 50 mΩ
Tj = 150 °C
Tj = 25 °C
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
25
50
75
100
125
150
(dl/dt)c [Tj] / (dl/dt)c [Tj = 150 °C]
Tj(°C)
0
1
2
3
4
5
6
25
50
75
100
125
150
dV/dt [Tj] / dV/dt [Tj = 150 °C]
Tj(°C)
VD = VR = 402 V
1.0E-03
1.0E-02
1.0E-01
1.0E+00
25
50
75
100
125
150
Tj(°C)
VDRM = VRRM = 800 V
VDRM = VRRM = 600 V
*[Tj max = 125 °C; VDRM, VRRM = 800 V]
[Tj max = 150 °C; VDRM, VRRM = 600 V]
IDRM, IRRM at [Tj] / IDRM, IRRM at [Tj max.]*



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com