Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

T1235T-8I Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza T1235T-8I
Descripción Electrónicos  12 A Snubberless™ Triac
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1235T-8I Datasheet(HTML) 4 Page - STMicroelectronics

  T1235T-8I Datasheet HTML 1Page - STMicroelectronics T1235T-8I Datasheet HTML 2Page - STMicroelectronics T1235T-8I Datasheet HTML 3Page - STMicroelectronics T1235T-8I Datasheet HTML 4Page - STMicroelectronics T1235T-8I Datasheet HTML 5Page - STMicroelectronics T1235T-8I Datasheet HTML 6Page - STMicroelectronics T1235T-8I Datasheet HTML 7Page - STMicroelectronics T1235T-8I Datasheet HTML 8Page - STMicroelectronics T1235T-8I Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
T1235T-8I
4/9
DocID030976 Rev 2
1.1
Characteristics (curves)
Figure 2: Maximum power dissipation versus
on-state RMS current
Figure 3: On-state RMS current versus case
temperature
Figure 4: On-state RMS current versus ambient
temperature (free air convection)
Figure 5: Relative variation of thermal impedance
versus pulse duration
Figure 6: Relative variation of gate trigger voltage
and current versus junction temperature
(typical values)
Figure 7: Relative variation of holding current and
latching current versus junction temperature
(typical values)
0
2
4
6
8
10
12
14
16
18
0
2
4
6
8
10
12
P(W)
IT(RMS)(A)
α = 180°
180°
0
4
8
12
16
0
25
50
75
100
125
150
IT(RMS)(A)
Tc(°C)
α = 180°
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
25
50
75
100
125
150
IT(RMS)(A)
Ta(°C)
α = 180°
1.0E-02
1.0E-01
1.0E+00
1.0E-03
1.0E-02 1.0E-01
1.0E+00 1.0E+01 1.0E+02 1.0E+03 1.0E+04 1.0E+05
K = [Zth/Rth]
tp(s)
Zth(j-c)
Zth(j-a)
0.0
0.5
1.0
1.5
2.0
2.5
-50
-25
0
25
50
75
100
125
150
IGT,VGT[Tj] / IGT,VGT[Tj = 25 °C]
Tj (°C)
IGT Q3
VGT Q1-Q2-Q3
IGT Q1-Q2
-50
-25
0
150
0.0
0.5
1.0
1.5
25
50
75
100
125
IH,IL [Tj] / IH,IL [Tj = 25 °C]
Tj (°C)
IH
IL



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com