Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

T1235T-8I Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza T1235T-8I
Descripción Electrónicos  12 A Snubberless™ Triac
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1235T-8I Datasheet(HTML) 1 Page - STMicroelectronics

  T1235T-8I Datasheet HTML 1Page - STMicroelectronics T1235T-8I Datasheet HTML 2Page - STMicroelectronics T1235T-8I Datasheet HTML 3Page - STMicroelectronics T1235T-8I Datasheet HTML 4Page - STMicroelectronics T1235T-8I Datasheet HTML 5Page - STMicroelectronics T1235T-8I Datasheet HTML 6Page - STMicroelectronics T1235T-8I Datasheet HTML 7Page - STMicroelectronics T1235T-8I Datasheet HTML 8Page - STMicroelectronics T1235T-8I Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
December 2017
DocID030976 Rev 2
1/9
This is information on a product in full production.
www.st.com
T1235T-8I
12 A Snubberless™ Triac
Features
High static dV/dt
High dynamic turn-off commutation
(dl/dt)c
150 °C maximum Tj
Three quadrants
Built-in ceramic for tab insulation
Compliance to UL1557 standard
(ref : E81734)
ECOPACK®2 compliant component
Complies with UL94,V0
Surge capability VDSM, VRSM = 900 V
Benefits
High immunity to false turn-on thanks to high
static dV/dt
Better turn-off in high temperature
environments thanks to (dI/dt)c
Increase of thermal margin due to extended
working Tj up to 150 °C
Better thermal resistance due to the ceramic
inside the package
Applications
General purpose AC line load switching
Motor control circuits
Home appliances
Heating
Lighting
Inrush current limiting circuits
Overvoltage crowbar protection
Description
Available in through-hole package, the T1235T-8I
Triac can be used for the on/off or phase angle
control function in general purpose AC switching
where high commutation capability is required.
This device can be used without a snubber RC
circuit when the limits defined are respected.
TO-220AB insulated provides tab insulation,
UL1557 certified, rated at 2.5 kV RMS and
UL-94, V0 resin compliance.
Package environmentally friendly Ecopack®2
graded (RoHS and Halogen Free compliance).
Snubberless™ is a trademark of
STMicroelectronics.
Figure 1: Functional diagram
Table 1: Device summary
Symbol
Value
Unit
IT(RMS)
12
A
VDRM/VRRM
800
V
VDSM/VRSM
900
V
IGT
35
mA
A1
A2
G
TO220AB insulated
A2
A1
G
A2: Anode2
A1: Anode1
G : Gate
Datasheet -production data


Número de pieza similar - T1235T-8I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
T1235T-8FP STMICROELECTRONICS-T1235T-8FP Datasheet
269Kb / 9P
High static and dynamic commutation
January 2015 Rev 3
T1235T-8G STMICROELECTRONICS-T1235T-8G Datasheet
484Kb / 10P
12 A Snubberless™ Triac
19-Dec-2017
T1235T-8G-TR STMICROELECTRONICS-T1235T-8G-TR Datasheet
484Kb / 10P
12 A Snubberless™ Triac
19-Dec-2017
T1235T-8R STMICROELECTRONICS-T1235T-8R Datasheet
417Kb / 9P
12 A Snubberless™ Triac
November 2017
T1235T-8T STMICROELECTRONICS-T1235T-8T Datasheet
271Kb / 9P
Motor control circuits
July 2014 Rev 3
More results

Descripción similar - T1235T-8I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
T630W STMICROELECTRONICS-T630W_10 Datasheet
85Kb / 8P
6 A Snubberless??Triac
09-Feb-2010
T830-8FP STMICROELECTRONICS-T830-8FP Datasheet
105Kb / 9P
8 A Snubberless Triac
24-Sep-2012
T630-600W STMICROELECTRONICS-T630-600W Datasheet
83Kb / 8P
6 A Snubberless™Triac
09-Feb-2010
BTA06T-600CWRG STMICROELECTRONICS-BTA06T-600CWRG Datasheet
106Kb / 8P
6 A Snubberless™ Triac
June 2010 Rev 2
T635T-8FP STMICROELECTRONICS-T635T-8FP Datasheet
276Kb / 9P
6 A Snubberless™ Triac
January 2015 Rev 2
T1235T-8G STMICROELECTRONICS-T1235T-8G Datasheet
484Kb / 10P
12 A Snubberless™ Triac
19-Dec-2017
T435T-600FP STMICROELECTRONICS-T435T-600FP Datasheet
150Kb / 9P
4 A Snubberless™ Triac
July 2014
T1235T-8R STMICROELECTRONICS-T1235T-8R Datasheet
417Kb / 9P
12 A Snubberless™ Triac
November 2017
T2035T-8G STMICROELECTRONICS-T2035T-8G Datasheet
860Kb / 12P
20 A 800 V D2PAK Snubberless™ Triac
DS12739 - Rev 1 - September 2018
T4050-6PF STMICROELECTRONICS-T4050-6PF Datasheet
218Kb / 11P
40 A Snubberless™ Triac
DS12857 - Rev 1 - December 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com