Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ICS9248-114 Datasheet(PDF) 7 Page - Renesas Technology Corp

No. de pieza ICS9248-114
Descripción Electrónicos  AMD - K7 ™ System Clock Chip
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9248-114 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICS9248-114 Datasheet HTML 3Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 4Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 5Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 6Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 7Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 8Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 9Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 10Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ICS9248-114
Electrical Characteristics - CPUCLK (Open Drain)
TA= 0 - 70° C; VDD= 3.3 V+/-5%; CL= 20 pf (unless otherwise stated).
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
Zol
Vo= Yx
60
Q
Output High Voltage
Yott2B
Termination to Youll-uo /external)
1
1.2
V
Output Low Voltage
YouB
Termination to Youll-uo /external)
0.4
V
Output Low Current
l0L2B
V0L= 0.3 V
18
mA
Rise Time
tr2BI
VoL= 0.3 V, Yott= 1.2 V
1.93
2.6
ns
Fall Time
trrnI
VOH= 1.2 V, VOL= 0.3 V
0.81
2.6
ns
Duty Cycle
dt2BI
VT= Vx
45
49.3
55
%
Differential
I
Note 2
0.4
1.18 V
pull-up (external)+ 0,6
V
Voltage-AC
YmF
Differential
I
Note 2
0.2
V
pull-up (external)+ 0,6
V
Voltage-DC
YmF
Differential
Yx
1
Note 3
550
958
ll00
mV
Crossover Voltage
Skew
tsk2BI
VT= 1.5 V
94
200
ps
Jitter, Cycle-to-cycle
t·cvc-cvc2BI
VT= Vx
158
250
ps
Notes:
1 - Guaranteed by design, not 100% tested in production.
2 - VmF specifies the minimum input differential voltages (VTR-Vcp) required for switching, where VTR is the "true"
input level and VCP is the "complement" input level.
3 - Vpull-up(extemal) = 1.5V, Min= (Vpull-up(extema1/2) - l50mV; Max = (Vpull-up(extema1/2)+150mV
Electrical Characteristics - SDRAM
TA= 0 - 70C;VDD= 3.3V +/-5%; CL= 30 pf (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output HighVoltage
VoH3
Iott= -28 mA
2.4
3
V
Output LowVoltage
VoL3
IoL= 20 mA
0.18
0.4
V
Output High Current
Iom
VoH= 2.0V
-110
-40
mA
Output Low Current
lou
VoL= 0.8V
41
86
mA
Rise Time1
t,3
VoL= 0.4V,VoH= 2.4V
1.42
2
ns
Fall Time1
tn
VoH= 2.4V, VoL= 0.4V
1.78
2
ns
DutyCycle1
di3
VT= l.5V
45
56.7
55
%
Skew window'
tsk3
VT= l.5V
225
250
ps
Propagation Time'
Tprop
VT= l.5V
3.41
ns
(Buffer In to Output)
'Guaranteed by design, not 100% tested in production.
Third party brands and names are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com