Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ICS9248-114 Datasheet(PDF) 13 Page - Renesas Technology Corp

No. de pieza ICS9248-114
Descripción Electrónicos  AMD - K7 ™ System Clock Chip
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9248-114 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS9248-114 Datasheet HTML 7Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 8Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 9Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 10Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 11Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 12Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 13Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 14Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ICS9248-114
PD# Timing Diagram
The power down selection is used to put the part into a very low power state without turning off the power to the part. PD# is
an asynchronous active low input. This signal needs to be synchronized internal to the device prior to powering down the clock
synthesizer.
Internal clocks are not running after the device is put in power down. When PD# is active low all clocks need to be driven to a
low value and held prior to turning off the VCOs and crystal. The power up latency needs to be less than 3 mS. The power down
latency should be as short as possible but conforming to the sequence requirements shown below. PCI_STOP# and
CPU_STOP# are considered to be don't cares during the power down operations. The REF and 48MHz clocks are expected to
be stopped in the LOW state as soon as possible. Due to the state of the internal logic, stopping and holding the REF clock
outputs in the LOW state may require more than one clock cycle to complete.
PD#
\\\\\
rmr-�
2
��
CPUCLKT
2�
2
CPUCLKC
s
ss
s
PCICLK _J
2�
2�
2
vco
2�
-�
Crystal
2�i
Notes:
1. All timing is referenced to the Internal CPUCLK (defined as inside the ICS9248-114 device).
2. As shown, the outputs Stop Low on the next falling edge after PD# goes low.
3. PD# is an asynchronous input and metastable conditions may exist. This signal is synchronized inside this part.
4. The shaded sections on the VCO and the Crystal signals indicate an active clock.
5.
Diagrams shown with respect to 133MHz. Similar operation when CPU is 100MHz.
Third party brands and names are the property of their respective owners.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com