Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ICS9248-114 Datasheet(PDF) 1 Page - Renesas Technology Corp

No. de pieza ICS9248-114
Descripción Electrónicos  AMD - K7 ™ System Clock Chip
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9248-114 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS9248-114 Datasheet HTML 1Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 2Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 3Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 4Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 5Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 6Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 7Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 8Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Integrated
Circuit
Systems, Inc.
AMD - K7™ System Clock Chip
Recommended Application:
VIA K7 style chipset
Output Features:
1 - Differential pair open drain CPU clocks
1 - Single-ended open drain CPU clock
13 - SDRAM @ 3.3V
6 - PCI @3.3V,
1 - 48MHz, @3.3V fixed.
1 - 24148MHz @ 3.3V
2 - REF @3.3V, 14.318MHz.
Features:
Up to 155MHz frequency support
Support pow�r management: CPU stop and Power down
Mode from I C programming.
Spread spectrum for EMI control (0 to -0.5% down
spread, ± 0.25% center spread).
Uses external 14.318MHz crystal
Skew Specifications:
CPUT - CPUC: <200ps
PCI - PCI: <500ps
CPU - PCI: <1-3ns
VDD1
REF0/CPU_STOP#*
GND
X1
X2
VDD2
*MODE/PCICLK_F
*FS3/PCICLK0
GND
*SEL24_48#/PCICLK1
PCICLK2
PCICLK3
PCICLK4
VDD2
BUFFER IN
GND
SDRAM11
SDRAM10
VDD3
SDRAMg
SDRAM8
GND
SDATA
SCLK
ICS9248-114
Pin Configuration
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
48-Pin 300mil SSOP
REF1/FS2*
GND
CPUCLKT1
GND
CPUCLKC0
CPUCLKT0
VDDL
PD#*
SDRAM OUT
GND
SDRAM0
SDRAM1
VDD3
SDRAM2
SDRAM3
GND
SDRAM4
SDRAM5
VDD3
SDRAM6
SDRAM7
VDD4
48MHz/FS0*
24/48MHz/FS1*
* Internal Pull-up Resistor of 120K to VDD
Block Diagram
Functionality
X1
X2
SEL24_48#
SDATA
SCLK
FS(3:0)
PD#
CPU_STOP#
BUFFER IN
I
,----,
I
I
PLL2 t-----,---t------t
48MHz
Control
Logic
Config.
Reg.
-----------------'
24_48MHz
REF(1:0)
CPUCLKC0
CPUCLKT(1:0)
PCICLK(4:0)
PCICLK_F
SDRAM(11:0)
SDRAM_OUT
FS3
FS2
0
0
0
0
0
0
0
0
0
1
0
1
0
1
0
1
1
0
1
0
1
0
1
0
1
1
1
1
1
1
1
1
FSl
FS0
CPU
PCICLK
(MHz)
(MHz)
0
0
124.00
41.33
0
1
75.00
37.50
1
0
83.30
41.65
1
1
66.80
33.40
0
0
103.00
34.33
0
1
112.00
37.33
1
0
133.30
44.43
1
1
100.00
33.33
0
0
120.00
40.00
0
1
115.00
38.33
1
0
110.00
36.67
1
1
105.00
35.00
0
0
140.00
35.00
0
1
150.00
37.50
1
0
124.00
31.00
1
1
133.30
33.33
'1�9� 2�48� 1�1•4-•R_•_•_D�1•2_/•2_8•/_0•1�1---------------------!'!!'!IC!'!!'!S!'!!'!r!'!!'! e !'!!'!se!'!!'!rv!'!!'!e !'!!'!s t!'!!'!h!'!!'!er!'!!'!ig!'!!'!h!'!!'!t !'!!'!to!'!!'!m!'!!'!a!'!!'!ke!'!!'!c!'!!'!h!'!!'!an!'!!'!g !'!!'!es!'!!'!in!'!!'!!'th!'!!'!e !'!!'!de!'!!'!v!'!!'!ic!'!!'!e !'!!'!da!'!!'!ta!'!!'!i!'!!'!de!'!!'!n!'!!'!ti!'!!'!fi e!'!!'! d!'!!'!in!!!'!!'!
,
ev
thispublication wi thou t fur th er no tic e. JCS advisesitscustom ers to
Thirdpartybrandsandnamesare the property oftheir respective owners.
obtain th e lat est version ofall devic e data to verify that an y
information being relie d upon by th e custom er iscurr en t an d accurat e.


Número de pieza similar - ICS9248-114

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Circuit Syst...
ICS9248-114 ICST-ICS9248-114 Datasheet
145Kb / 14P
AMD - K7??System Clock Chip
Rev C 01/24/01
More results

Descripción similar - ICS9248-114

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Circuit Syst...
ICS9248-114 ICST-ICS9248-114 Datasheet
145Kb / 14P
AMD - K7??System Clock Chip
Rev C 01/24/01
ICS9248-141 ICST-ICS9248-141 Datasheet
155Kb / 14P
AMD - K7??System Clock Chip
Rev B 01/18/01
ICS94228 ICST-ICS94228 Datasheet
135Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
ICS9248-189 ICST-ICS9248-189 Datasheet
236Kb / 15P
AMD - K7??Clock Generator for Mobile System
ICS94215 ICST-ICS94215 Datasheet
146Kb / 18P
Programmable System Clock Chip for AMD - K7??Processor
ICS94229 ICST-ICS94229 Datasheet
246Kb / 17P
Programmable System Clock Chip for AMD - K7 processor
ICS9248-163 ICST-ICS9248-163 Datasheet
300Kb / 14P
AMD - K7 System Clock Chip
Rev A 9/22/00
ICS951403 ICST-ICS951403 Datasheet
639Kb / 18P
AMD-K7 System Clock Chip
ICS94235 ICST-ICS94235 Datasheet
757Kb / 19P
PROGRAMMABLE SYSTEM CLOCK CHIP FOR AMD-K7 TM PROCESSOR
Rev A 01/17/02
ICS94236 ICST-ICS94236 Datasheet
388Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com