Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ICS9248-114 Datasheet(PDF) 9 Page - Renesas Technology Corp

No. de pieza ICS9248-114
Descripción Electrónicos  AMD - K7 ™ System Clock Chip
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9248-114 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ICS9248-114 Datasheet HTML 5Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 6Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 7Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 8Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 9Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 10Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 11Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 12Page - Renesas Technology Corp ICS9248-114 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Electrical Characteristics - REF, 48MHz, 24MHz
TA= 0 - 70C; V00= 3.3V +/-5%; CL= 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
Output High Voltage
Votts
Iott= -16 mA
Output Low Voltage
VoLs
IoL= 9mA
Output High Current
lotts
Yott= 2.0 V
Output Low Current
loLS
VoL= 0.8 V
Rise Time1
1:rs
VoL= 0.4 V, Yott = 2.4 V
Fall Time1
trs
Yott = 2.4 V, VoL= 0.4 V
DutyCycle1
dis
VT= 1.5 V
Jitter, Cvcle-to-Cvclc
I
�eve-eves Ref
VT= 1.5 V
Jitter, Cycle-to-Cycle
I
�eye-eyes, Fixed
VT= 1.5 V
1Guaranteed bydesign, not 100% tested in production.
Third party brands and names are the property of their respective owners.
ICS9248-114
MIN
TYP
MAX
UNITS
2.4
3.03
V
0.23
0.4
V
-50
-22
mA
16
40
mA
1.47
4.0
ns
1.98
4.0
ns
45
54.4
55
%
552
1000
ps
-1
421
500
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com