Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STV300NH02L Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza STV300NH02L
Descripción Electrónicos  N-channel 24V - 0.8mOHM - 280A - PowerSO-10 STripFET TM Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV300NH02L Datasheet(HTML) 2 Page - STMicroelectronics

  STV300NH02L Datasheet HTML 1Page - STMicroelectronics STV300NH02L Datasheet HTML 2Page - STMicroelectronics STV300NH02L Datasheet HTML 3Page - STMicroelectronics STV300NH02L Datasheet HTML 4Page - STMicroelectronics STV300NH02L Datasheet HTML 5Page - STMicroelectronics STV300NH02L Datasheet HTML 6Page - STMicroelectronics STV300NH02L Datasheet HTML 7Page - STMicroelectronics STV300NH02L Datasheet HTML 8Page - STMicroelectronics STV300NH02L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Electrical ratings
STV300NH02L
2/9
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (vgs = 0)
24
V
VGS
Gate-source voltage
± 20
V
ID
(1)
1.
This value is limited by package
Drain current (continuous) at TC = 25°C
280
A
ID
(1)
Drain current (continuous) at TC = 100°C
200
A
IDM
(2)
2.
Pulse with limited by safe operating area
Drain current (pulsed)
1120
A
PTOT
(3)
3.
This value is rated according to Rthj-c
Total dissipation at TC = 25°C
300
W
Derating factor
2
W/°C
EAS
(4)
4.
Starting Tj = 25°C, ID = 60A, VDD = 20V
Single pulse avalanche energy
2296
mJ
Tstg
Storage temperature
-55 to 175
°C
Tj
Operating junction temperature
Table 2.
Thermal data
Rthj-case Thermal resistance junction-case max
0.5
°C/W
Rthj-amb Thermal resistance junction-ambient max
50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com