Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STV300NH02L Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza STV300NH02L
Descripción Electrónicos  N-channel 24V - 0.8mOHM - 280A - PowerSO-10 STripFET TM Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV300NH02L Datasheet(HTML) 5 Page - STMicroelectronics

  STV300NH02L Datasheet HTML 1Page - STMicroelectronics STV300NH02L Datasheet HTML 2Page - STMicroelectronics STV300NH02L Datasheet HTML 3Page - STMicroelectronics STV300NH02L Datasheet HTML 4Page - STMicroelectronics STV300NH02L Datasheet HTML 5Page - STMicroelectronics STV300NH02L Datasheet HTML 6Page - STMicroelectronics STV300NH02L Datasheet HTML 7Page - STMicroelectronics STV300NH02L Datasheet HTML 8Page - STMicroelectronics STV300NH02L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STV300NH02L
Test circuits
5/9
3
Test circuits
Figure 1.
Switching times test circuit for
resistive load
Figure 2.
Gate charge test circuit
Figure 3.
Test circuit for inductive load
switching and diode recovery times
Figure 4.
Unclamped inductive load test
circuit
Figure 5.
Unclamped inductive waveform
Figure 6.
Switching time waveform



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com