Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STV300NH02L Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza STV300NH02L
Descripción Electrónicos  N-channel 24V - 0.8mOHM - 280A - PowerSO-10 STripFET TM Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV300NH02L Datasheet(HTML) 3 Page - STMicroelectronics

  STV300NH02L Datasheet HTML 1Page - STMicroelectronics STV300NH02L Datasheet HTML 2Page - STMicroelectronics STV300NH02L Datasheet HTML 3Page - STMicroelectronics STV300NH02L Datasheet HTML 4Page - STMicroelectronics STV300NH02L Datasheet HTML 5Page - STMicroelectronics STV300NH02L Datasheet HTML 6Page - STMicroelectronics STV300NH02L Datasheet HTML 7Page - STMicroelectronics STV300NH02L Datasheet HTML 8Page - STMicroelectronics STV300NH02L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STV300NH02L
Electrical characteristics
3/9
2
Electrical characteristics
(Tcase =25°C unless otherwise specified)
Table 3.
On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 1mA, VGS= 0
24
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = Max rating,
VDS = Max rating, Tc=125°C
1
10
µA
µA
IGSS
Gate body leakage
current (VDS = 0)
VDS = ± 20V
±100
nA
VGS(th)
Gate threshold voltage VDS= VGS, ID = 250µA
11.5
2
V
RDS(on)
Static drain-source on
resistance
VGS= 10V, ID= 80A
0.8
1
m
RDS(on)
Static drain-source on
resistance
VGS= 10V, ID= 80A @100°C
1.1
m
Table 4.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 15V, f = 1 MHz, VGS =0
7055
3251
307
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD= 12V, ID= 120A,
VGS= 10V
(see Figure 2)
109.4
30.2
26.4
nC
nC
nC
RG
Gate input resistance
VDS = 0V, f = 1 MHz, VGS =0
4.4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com