Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STV300NH02L Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza STV300NH02L
Descripción Electrónicos  N-channel 24V - 0.8mOHM - 280A - PowerSO-10 STripFET TM Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV300NH02L Datasheet(HTML) 4 Page - STMicroelectronics

  STV300NH02L Datasheet HTML 1Page - STMicroelectronics STV300NH02L Datasheet HTML 2Page - STMicroelectronics STV300NH02L Datasheet HTML 3Page - STMicroelectronics STV300NH02L Datasheet HTML 4Page - STMicroelectronics STV300NH02L Datasheet HTML 5Page - STMicroelectronics STV300NH02L Datasheet HTML 6Page - STMicroelectronics STV300NH02L Datasheet HTML 7Page - STMicroelectronics STV300NH02L Datasheet HTML 8Page - STMicroelectronics STV300NH02L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical characteristics
STV300NH02L
4/9
Table 5.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD = 12V, ID = 60A
RG= 4.7Ω, VGS= 10V,
(see Figure 1)
18
275
ns
ns
td(off)
tf
Turn-off delay time
Fall time
VDD = 12V, ID = 60A
RG= 4.7Ω, VGS= 10V,
(see Figure 1)
138
94.4
ns
ns
Table 6.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
ISD
ISDM
Source-drain current
Source-drain current (pulsed)
300
1200
A
A
VSD
(1)
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 120A, VGS = 0
1.3
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 120A,di/dt = 100A/µs
VDD = 20V, Tj = 25°C
(see Figure 6)
63
85
2.7
ns
nC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 120A,di/dt = 100A/µs
VDD = 20V, Tj = 150°C
(see Figure 6)
63.2
88
2.8
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com