Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AT45DB041B-RU Datasheet(PDF) 15 Page - ATMEL Corporation

No. de pieza AT45DB041B-RU
Descripción Electrónicos  4-megabit 2.5-volt or 2.7-volt DataFlash
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB041B-RU Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT45DB041B-RU Datasheet HTML 11Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 12Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 13Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 14Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 15Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 16Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 17Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 18Page - ATMEL Corporation AT45DB041B-RU Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
15
3443C–DFLSH–5/05
AT45DB041B
11. AC Waveforms
Two different timing diagrams are shown below. Waveform 1 shows the SCK signal being low
when CS makes a high-to-low transition, and Waveform 2 shows the SCK signal being high
when CS makes a high-to-low transition. Both waveforms show valid timing diagrams. The setup
and hold times for the SI signal are referenced to the low-to-high transition on the SCK signal.
Waveform 1 shows timing that is also compatible with SPI Mode 0, and Waveform 2 shows tim-
ing that is compatible with SPI Mode 3.
11.1
Waveform 1 – Inactive Clock Polarity Low and SPI Mode 0
11.2
Waveform 2 – Inactive Clock Polarity High and SPI Mode 3
11.3
Reset Timing (Inactive Clock Polarity Low Shown)
Note:
The CS signal should be in the high state before the RESET signal is deasserted.
CS
SCK
SI
SO
tCSS
VALID IN
tH
tSU
tWH
tWL
tCSH
tCS
tV
HIGH IMPEDANCE
VALID OUT
tHO
tDIS
HIGH IMPEDANCE
CS
SCK
SI
SO
tCSS
VALID IN
tH
tSU
tWL
tWH
tCSH
tCS
tV
HIGH Z
VALID OUT
tHO
tDIS
HIGH IMPEDANCE
CS
SCK
RESET
SO
HIGH IMPEDANCE
HIGH IMPEDANCE
SI
tRST
tREC
tCSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com