| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AT45DB041B-RU Datasheet(PDF) 23 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB041B-RU Datasheet(HTML) 23 Page - ATMEL Corporation |
|
23 / 35 page ![]() 23 3443C–DFLSH–5/05 AT45DB041B 16. Detailed Bit-level Read Timing – SPI Mode 0 16.1 Continuous Array Read (Opcode: E8H) 16.2 Main Memory Page Read (Opcode: D2H) 16.3 Buffer Read (Opcode: D4H or D6H) SI 1 1X X X CS SO SCK 12 62 63 64 65 66 67 HIGH-IMPEDANCE D7 D6 D5 D2 D1 D0 D7 D6 D5 DATA OUT BIT 0 OF PAGE n+1 BIT 2111 OF PAGE n LSB MSB tSU tV SI 1 1 0 10 XX X CS SO SCK 12345 60 61 62 63 64 65 66 67 XX HIGH-IMPEDANCE D7 D6 D5 DATA OUT COMMAND OPCODE MSB tSU tV D4 SI 1 1 0 10 XX X CS SO SCK 12345 36 37 38 39 40 41 42 43 XX HIGH-IMPEDANCE COMMAND OPCODE tSU D7 D6 D5 DATA OUT MSB tV D4 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |