| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AT45DB041B-RU Datasheet(PDF) 16 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB041B-RU Datasheet(HTML) 16 Page - ATMEL Corporation |
|
16 / 35 page ![]() 16 3443C–DFLSH–5/05 AT45DB041B 11.4 Command Sequence for Read/Write Operations (except Status Register Read) Notes: 1. “r” designates bits reserved for larger densities. 2. It is recommended that “r” be a logical “0” for densities of 4M bits or smaller. 3. For densities larger than 4M bits, the “r” bits become the most significant Page Address bit for the appropriate density. SI CMD 8 bits 8 bits 8 bits MSB Reserved for larger densities Page Address (PA10-PA0) Byte/Buffer Address (BA8-BA0/BFA8-BFA0) LSB r r r r X X X X X X X X X X X X X X X X X X X X |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |