| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AT45DB041B-RU Datasheet(PDF) 2 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB041B-RU Datasheet(HTML) 2 Page - ATMEL Corporation |
|
2 / 35 page ![]() 2 3443C–DFLSH–5/05 AT45DB041B When the device is shipped from Atmel, the most significant page of the memory array may not be erased. In other words, the contents of the last page may not be filled with FFH. 2. Pin Configurations and Packages Table 2-1. Pin Configurations Pin Name Function CS Chip Select SCK Serial Clock SI Serial Input SO Serial Output WP Hardware Page Write Protect Pin RESET Chip Reset RDY/BUSY Ready/Busy Figure 2-1. TSOP Top View Type 1 Figure 2-2. CASON – Top View through Package Figure 2-3. 8-SOIC Figure 2-4. 28-SOIC (1) Note: 1. The next generation DataFlash devices will not be offered in 28-SOIC package, therefore, this pack- age is not recommended for new designs. Figure 2-5. CBGA Top View through Package 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 RDY/BUSY RESET WP NC NC VCC GND NC NC NC CS SCK SI SO NC NC NC NC NC NC NC NC NC NC NC NC NC NC SI SCK RESET CS SO GND VCC WP 8 7 6 5 1 2 3 4 1 2 3 4 8 7 6 5 SI SCK RESET CS SO GND VCC WP 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 GND NC NC CS SCK SI SO NC NC NC NC NC NC NC VCC NC NC WP RESET RDY/BUSY NC NC NC NC NC NC NC NC A B C D E 12 3 NC VCC WP RESET NC NC GND RDY/BSY SI NC SCK CS SO NC |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |