Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DER-33 Datasheet(PDF) 3 Page - Power Integrations, Inc.

No. de pieza DER-33
Descripción Electrónicos  3.9W CV/CC Charger using TNY266P with < 100 mW standby
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWERINT [Power Integrations, Inc.]
Página de inicio  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-33 Datasheet(HTML) 3 Page - Power Integrations, Inc.

  DER-33 Datasheet HTML 1Page - Power Integrations, Inc. DER-33 Datasheet HTML 2Page - Power Integrations, Inc. DER-33 Datasheet HTML 3Page - Power Integrations, Inc. DER-33 Datasheet HTML 4Page - Power Integrations, Inc. DER-33 Datasheet HTML 5Page - Power Integrations, Inc. DER-33 Datasheet HTML 6Page - Power Integrations, Inc. DER-33 Datasheet HTML 7Page - Power Integrations, Inc. DER-33 Datasheet HTML 8Page - Power Integrations, Inc. DER-33 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
DER-33
3.9W CC/CV TNY266P Charger
April 1, 2004
Page 3 of 24
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
1
Introduction
This document is an engineering report describing a 6.5 VDC, 600 mA CV/CC Charger
utilizing a TNY266P.
The TNY266P is implemented as both a switch and controller into a Flyback converter.
Cancellation techniques are adopted in the transformer design to make the power supply
meet EMI without Y capacitors.
The document contains the power supply specification, schematic, bill of materials,
transformer documentation, printed circuit layout, and performance data.
2
Photograph
Figure 1 – Populated Circuit Board Photograph.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com