Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DER-33 Datasheet(PDF) 7 Page - Power Integrations, Inc.

No. de pieza DER-33
Descripción Electrónicos  3.9W CV/CC Charger using TNY266P with < 100 mW standby
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWERINT [Power Integrations, Inc.]
Página de inicio  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-33 Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button DER-33 Datasheet HTML 3Page - Power Integrations, Inc. DER-33 Datasheet HTML 4Page - Power Integrations, Inc. DER-33 Datasheet HTML 5Page - Power Integrations, Inc. DER-33 Datasheet HTML 6Page - Power Integrations, Inc. DER-33 Datasheet HTML 7Page - Power Integrations, Inc. DER-33 Datasheet HTML 8Page - Power Integrations, Inc. DER-33 Datasheet HTML 9Page - Power Integrations, Inc. DER-33 Datasheet HTML 10Page - Power Integrations, Inc. DER-33 Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DER-33
3.9W CC/CV TNY266P Charger
April 1, 2004
Page 7 of 24
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
5.5
Output Voltage Sensing and Feedback
Transistor Q1, resistors R4, R5, R6, R7, R8, R9, diode D8, Zener diode VR2 and opto-
isolator U2 form the CV, CC, and cable drop compensation circuit. Q1, R6, R7, R8, R9,
VR2, D8 and U2 comprise the Constant Voltage (CV) mode control loop and cable
compensation control loop while R4, R5 and U2 make up the Constant Current (CC)
mode control loop.
CC Mode Operation
The CC mode set-point is determined by the voltage drop on the optocoupler LED and
the voltage drop on R5. The voltage drop on R4 is quite small and can be ignored. The
TinySwitch-II has an EN pin current that is very constant with power delivery, so therefore
the current in the optocoupler LED is very constant. For this reason the CC set-point
does not change with load voltage.
CV Mode and Cable Drop Compensation Operation
The CV mode set-point is set by the voltage drops on VR1, R7, and the Vbe of Q1. The
voltage on R7 depends on the operation of the cable drop compensation circuit. In order
to have a regulated voltage at the end of the cable, the load current produces a voltage
drop on R9 which feeds to the Base of Q1, through R8. The net effect is that the voltage
set-point increases as the load increases, canceling the voltage drop in the output cable.
D6 provides temperature compensation for the temperature coefficient of Q1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com