Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DER-33 Datasheet(PDF) 10 Page - Power Integrations, Inc.

No. de pieza DER-33
Descripción Electrónicos  3.9W CV/CC Charger using TNY266P with < 100 mW standby
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWERINT [Power Integrations, Inc.]
Página de inicio  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-33 Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button DER-33 Datasheet HTML 6Page - Power Integrations, Inc. DER-33 Datasheet HTML 7Page - Power Integrations, Inc. DER-33 Datasheet HTML 8Page - Power Integrations, Inc. DER-33 Datasheet HTML 9Page - Power Integrations, Inc. DER-33 Datasheet HTML 10Page - Power Integrations, Inc. DER-33 Datasheet HTML 11Page - Power Integrations, Inc. DER-33 Datasheet HTML 12Page - Power Integrations, Inc. DER-33 Datasheet HTML 13Page - Power Integrations, Inc. DER-33 Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
DER-33
3.9W CC/CV TNY266P Charger
April 1, 2004
Page 10 of 24
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
8
Transformer Specification
8.1
Electrical Diagram
Secondary
19T #34 x 2
1
2
1
7, 8
5, 6
Primary
77T #34
8T # 24 TIW
WD#2
WD#1
Cancellation
6T #28 x 3
WD#4
Shield
4
WD#3
Bias
3
1
12T #33 x 3
WD#5
Figure 4 –Transformer Electrical Diagram
8.2
Electrical Specifications
Electrical Strength
1 second, 60 Hz, from Pins 1 - 4 to Pins 5 -8
3000 VAC
Primary Inductance
Pins 1-2, all other windings open, measured at
132 kHz, 0.4 VRMS
1.11 mH, -
10/+10%
Resonant Frequency
Pins 1-2, all other windings open
600 kHz (Min.)
Primary Leakage Inductance
Pins 1-2, with Pins 6-7 shorted, measured at
132 kHz, 0.4 VRMS
50
µH (Max.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com