Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DER-33 Datasheet(PDF) 6 Page - Power Integrations, Inc.

No. de pieza DER-33
Descripción Electrónicos  3.9W CV/CC Charger using TNY266P with < 100 mW standby
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWERINT [Power Integrations, Inc.]
Página de inicio  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-33 Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button DER-33 Datasheet HTML 2Page - Power Integrations, Inc. DER-33 Datasheet HTML 3Page - Power Integrations, Inc. DER-33 Datasheet HTML 4Page - Power Integrations, Inc. DER-33 Datasheet HTML 5Page - Power Integrations, Inc. DER-33 Datasheet HTML 6Page - Power Integrations, Inc. DER-33 Datasheet HTML 7Page - Power Integrations, Inc. DER-33 Datasheet HTML 8Page - Power Integrations, Inc. DER-33 Datasheet HTML 9Page - Power Integrations, Inc. DER-33 Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
DER-33
3.9W CC/CV TNY266P Charger
April 1, 2004
Page 6 of 24
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
5
Circuit Description
This circuit is configured as a Flyback operating in both continuous and discontinuous
conduction mode. The low standby consumption is achieved by using a high gain opto-
coupler, using a bias winding that provides about 10V during no-load, and by designing a
low-capacitance transformer.
5.1
Input Rectification, Bulk Capacitance and EMI Filtering
AC input power is rectified by a full bridge, consisting of D1 through D4. The rectified DC
is then filtered by the bulk storage capacitors C1 and C2. Inductor L1 and Ferrite bead
L2 separate C1 and C2 from each other. L1, C1 and C2 form a pi (
π) filter, which
attenuates conducted differential-mode EMI noise. Fusible resistor RF1 has multiple
functions. It is a fuse, an in-rush current limiting device, a final low pass filter stage (with
C1) for conducted EMI attenuation and an initial stage of input surge voltage attenuation.
5.2
Primary DRAIN Voltage Clamp Circuit
The DRAIN voltage clamp circuit is comprised of C3, R1, R2 and diode D5. D5 and C3
clamp the amplitude of the voltage spike that the transformer leakage inductance
generates, at switch turn-off, to keep it beneath the device’s maximum DRAIN to
SOURCE voltage rating (700 V). R2 damps the high frequency ringing caused by
leakage inductance, which improves the conducted EMI performance of the circuit.
5.3
Auxiliary Bias Supply
The TinySwitch-II normally does not need a bias supply because it has a high voltage
current source to supply the internal chip consumption. If an external current is applied to
the BP pin (which is the internal power supply of the chip), it turns off the HV current
source and regulates the voltage on the BP pin like a zener. The power dissipated in the
HV current source is saved. This power savings is on the order of 50-100 mW. This is
needed to achieve a <100mW standby consumption.
The auxiliary bias supply circuit is made up of the primary-side transformer bias winding,
diode D6 and capacitor C5. D6 rectifies the output of the winding and C5 filters it. The
winding was given just enough turns so that its minimum output voltage stays at 10V at
no-load to minimize power consumption. C4 is the standard BP pin decoupling capacitor,
which should always be a 50 V 0.1
µF ceramic capacitor that is located close to the IC. R3
is used to regulate the current into the BP pin.
5.4
Output Rectification and Filtering
Output rectification and filtering are accomplished by Schottky diode D7, capacitors C6
and C7. D7 rectifies the output of the transformer, T1. R10 and C8 dampen out the high
frequency interaction between D7, T1 and U1, to reduce conducted EMI noise
generation. C6 filters the initial rectified output, while L3 and C7 serve as a secondary
low-pass filter stage, which further reduce the output ripple voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com