Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP4N60ER Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

No. de pieza MP4N60ER
Descripción Electrónicos  N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Página de inicio  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

MP4N60ER Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  MP4N60ER Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N60ER Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N60ER Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N60ER Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N60ER Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N60ER Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N60ER Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N60ER Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R
版本:202209A
1/8
N 沟道增强型场效应晶体管
N-CHANNEL MOSFET
MP4N60ER
订货型号 Order codes
印记
Marking
封装
Package
有卤-条管
Halogen-Tube
无卤-条管
Halogen-Free-Tube
有卤-编带
Halogen-Reel
无卤-编带
Halogen-Free-Reel
N/A
MP4N60ER-R-BR
N/A
MP4N60ER-R-AR
MP4N60ER
DPAK
封装 Package
主要参数MAIN CHARACTERISTICS
ID
4A
VDSS
600V
Rdson-max
(Vgs=10V)
2.5
Ω
Qg-Typ
13nC
用途
 高频开关电源
 电子镇流器
 LED 电源
APPLICATIONS
 High efficiency switch
mode power supplies
 Electronic lamp ballasts
based on half bridge
 LED power supplies
产品特性
低栅极电荷
开关速度快
产品全部经过雪崩测试
高抗 dv/dt 能力
RoHS 产品
FEATURES
Low gate charge
Fast switching
100% avalanche tested
Improved dv/dt capability
RoHS product
订货信息 ORDER MESSAGE


Número de pieza similar - MP4N60ER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
JILIN SINO-MICROELECTRO...
MP4N150 JSMC-MP4N150 Datasheet
479Kb / 8P
N-CHANNEL MOSFET
202305A
MP4N150-GA-BR JSMC-MP4N150-GA-BR Datasheet
479Kb / 8P
N-CHANNEL MOSFET
202305A
MP4N50FR JSMC-MP4N50FR Datasheet
712Kb / 8P
N-CHANNEL MOSFET
202311A
MP4N50FR-R-BR JSMC-MP4N50FR-R-BR Datasheet
712Kb / 8P
N-CHANNEL MOSFET
202311A
More results

Descripción similar - MP4N60ER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com