Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP4N60ER Datasheet(PDF) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

No. de pieza MP4N60ER
Descripción Electrónicos  N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Página de inicio  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

MP4N60ER Datasheet(HTML) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  MP4N60ER Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N60ER Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N60ER Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N60ER Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N60ER Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N60ER Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N60ER Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N60ER Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
R
MP4N60ER
版本:202209A
3/8
电特性 ELECTRICAL CHARACTERISTICS
项目
Parameter
符号
Symbol
测试条件
Tests conditions
最小
Min
典型
Typ
最大
Max
单位
Units
关态特性 Off
–Characteristics
漏-源击穿电压
Drain-Source Voltage
BVDSS
ID=250μA, VGS=0V
600
-
-
V
击穿电压温度特性
Breakdown Voltage Temperature
Coefficient
ΔBVDSS/
ΔTJ
ID=250μA, referenced to 25℃
-
0.6
-
V/℃
零栅压下漏极漏电流
Zero Gate Voltage Drain Current
IDSS
VDS=600V,VGS=0V, TC=25℃
-
-
1
μA
VDS=480V,VGS=0V, TC=125℃
-
-
100
μA
正向栅极体漏电流
Gate-body leakage current, forward
IGSSF
VDS=0V,
VGS =30V
-
-
100
nA
反向栅极体漏电流
Gate-body leakage current, reverse
IGSSR
VDS=0V,
VGS =-30V
-
-
-100
nA
通态特性 On-Characteristics
阈值电压
Gate Threshold Voltage
VGS(th)
VDS = VGS ,
ID=250μA
2
-
4
V
静态导通电阻
Static Drain-Source On-Resistance
RDS(ON)
VGS =10V ,
ID=2.0A
25℃
-
2.2
2.5
Ω
正向跨导
Forward Transconductance
gfs
VDS = 40V, ID=2.0A
(note 4)
-
7.2
-
S
动态特性 Dynamic Characteristics
栅极电阻
Gate resistance
Rg
F=1.0MHZ open drain
1.5
2.3
3.5
Ω
输入电容
Input capacitance
Ciss
VDS=25V,
VGS =0V,
f=1.0MHZ
-
520
-
pF
输出电容
Output capacitance
Coss
-
60
-
pF
反向传输电容
Reverse transfer capacitance
Crss
-
3
-
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com