Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP4N60ER Datasheet(PDF) 8 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

No. de pieza MP4N60ER
Descripción Electrónicos  N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Página de inicio  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

MP4N60ER Datasheet(HTML) 8 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  MP4N60ER Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N60ER Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N60ER Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N60ER Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N60ER Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N60ER Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N60ER Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N60ER Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
R
MP4N60ER
版本:202209A
8/8
注意事项
1.
吉林华微电子股份有限公司的产品销售分为直销和销售代理,无论哪种方式,订货时请与公司
核实。
2.
购买时请认清公司商标,如有疑问请与公司本部联系。
3.
在电路设计时请不要超过器件的绝对最大额定值,否则会影响整机的可靠性。
4.
本说明书如有版本变更不另外告知。
NOTE
1.
Jilin Sino-microelectronics co., Ltd sales its product either through direct sales or sales agent ,
thus, for customers, when ordering , please check with our company.
2.
We strongly recommend customers check carefully on the trademark when buying our product,
if there is any question, please don’t be hesitate to contact us.
3.
Please do not exceed the absolute maximum ratings of the device when circuit designing.
4.
Jilin Sino-microelectronics co., Ltd reserves the right to make changes in this. specification
sheet and is subject to change without prior notice.
联系方式
吉林华微电子股份有限公司
公司地址:吉林省吉林市深圳街 99 号
邮编:132013
总机:86-432-64678411
传真:86-432-64665812
网址:www.hwdz.com.cn
CONTACT
JILIN SINO-MICROELECTRONICS CO., LTD.
ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China.
Post Code: 132013
Tel: 86-432-64678411
Fax:86-432-64665812
Web Site:www.hwdz.com.cn



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com