Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP4N60ER Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

No. de pieza MP4N60ER
Descripción Electrónicos  N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Página de inicio  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

MP4N60ER Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  MP4N60ER Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N60ER Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N60ER Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N60ER Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N60ER Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N60ER Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N60ER Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N60ER Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
R
MP4N60ER
版本:202209A
2/8
绝对最大额定值ABSOLUTE RATINGS(Tc=25℃)
*漏极电流由最高结温限制
*Drain current limited by maximum junction temperature
项目
Parameter
符号
Symbol
数值
Value
单位
Unit
最高漏极-源极直流电压
Drain-Source Voltage
VDSS
600
V
连续漏极电流
Drain Current-continuous
ID T=25℃
T=100℃
4
A
2.4
A
最大脉冲漏极电流(注 1)
Drain Current
– pulse(note 1)
IDM
16
A
最高栅源电压
Gate-Source Voltage
VGSS
±30
V
单脉冲雪崩能量(注 2)
Single Pulsed Avalanche Energy(note 2)
EAS
20
mJ
耗散功率
Power Dissipation
PD
TC=25℃
-Derate above 25℃
120
W
0.96
W/℃
最高结温及存储温度
Operating and StorageTemperatureRange
TJ,TSTG
150;-55~+150
℃
引线最高焊接温度
Maximum Lead Temperature for Soldering
Purposes
TL
300
℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com