Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

QMR2 Datasheet(PDF) 2 Page - rfsolutions.ltd

No. de pieza QMR2
Descripción Electrónicos  QM Receiver Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RFSOLUTIONS [rfsolutions.ltd]
Página de inicio  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

QMR2 Datasheet(HTML) 2 Page - rfsolutions.ltd

  QMR2 Datasheet HTML 1Page - rfsolutions.ltd QMR2 Datasheet HTML 2Page - rfsolutions.ltd QMR2 Datasheet HTML 3Page - rfsolutions.ltd QMR2 Datasheet HTML 4Page - rfsolutions.ltd QMR2 Datasheet HTML 5Page - rfsolutions.ltd QMR2 Datasheet HTML 6Page - rfsolutions.ltd QMR2 Datasheet HTML 7Page - rfsolutions.ltd QMR2 Datasheet HTML 8Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Ds302_3
AUG 01
©
©2001 REG No 277 4001 England
Page 2
QM Receiver Module
QMR1 / QMR2
Absolute Maximum Ratings: Receiver
Operating temperature:
-10
°C to +55°C
Storage temperature:
-40
°C to +100°C
Supply Voltage
5V
Data input
10V
RF Input
±50V @ < 10MHz , +20dBm @ > 10MHz
Electrical Characteristics: Receiver
pin
min.
typ.
Max.
Units
Notes
DC LEVELS
Supply voltage
4.5
5
5.5
V
Supply current
2
4.8
mA
mA
QMR1
QMR2
Supply ripple
-
-
10
mVP-P
Data output high
4.0
V
Data output low
0.5
V
RF
RF sensitivity
-110
-112
dBm
dBm
QMR1
QMR2
IF Bandwidth
600
230
KHz
KHz
QMR1
QMR2
Initial frequency accuracy
±50
+/-30
KHz
KHz
QMR1
QMR2
Max R.F. input
20
20
dBm
dBm
QMR1
QMR2
E.M.C.
Spurious responses upto 1GHz
<60
dB
LO leakage, conducted
<60
dBm
LO leakage, radiated
<60
dBm
DYNAMIC TIMING
Power up with signal present
Power up to stable data
10
mS
Signal applied with supply on
Signal to stable data
6
mS
Time between data transitions
10
mS
Mark:space ratio
50
%
Bit rate
20
200
10000
4000
bps
bps
QMR1
QMR2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com