Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

QMR2 Datasheet(PDF) 4 Page - rfsolutions.ltd

No. de pieza QMR2
Descripción Electrónicos  QM Receiver Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RFSOLUTIONS [rfsolutions.ltd]
Página de inicio  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

QMR2 Datasheet(HTML) 4 Page - rfsolutions.ltd

  QMR2 Datasheet HTML 1Page - rfsolutions.ltd QMR2 Datasheet HTML 2Page - rfsolutions.ltd QMR2 Datasheet HTML 3Page - rfsolutions.ltd QMR2 Datasheet HTML 4Page - rfsolutions.ltd QMR2 Datasheet HTML 5Page - rfsolutions.ltd QMR2 Datasheet HTML 6Page - rfsolutions.ltd QMR2 Datasheet HTML 7Page - rfsolutions.ltd QMR2 Datasheet HTML 8Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Ds302_3
AUG 01
©
©2001 REG No 277 4001 England
Page 4
QM Receiver Module
QMR1 / QMR2
QMR2 Details
QMR2
1
2
3
4
5
6
7
Figure 3 QMR2 Receiver
Pin Description:
RF IN ( pin 1 )
50 ohm RF input from antenna, connect using
shortest possible route. This input is isolated from
the internal circuit using the air gap of the front
end SAW RF filter.
RF GND ( pin 2 )
Supply ground connection. Preferably connected
to a solid ground plane.
RSSI ( pin 3 )
This is a dc output voltage that is proportional to
the RF signal strength applied to pin 1.
GND ( pin 4 )
Connected to power supply ground.
Vcc ( pin 5 )
+Ve supply pin. Operation from a 5V supply able
to source 6mA at less than Vp-p ripple.
AF ( pin 6 )
Audio frequency output. Note Source current is
limited to 40 microA. In most applications a buffer
may be required to interface to this pin.
DATA OUT ( pin 7 )
CMOS compatible output. This may be used to
drive external decoders.
General Information
Phase
Lock
Loop
RF
AMP
Band Pass
Filter
IF
AMP
Low Pass
Filter
Detector
Antenna
Mixer
Figure 4: Receiver Block Diagram
The QMR2 receiver module is a FM single
conversion superhet receiver capable of handling
data rates of up to 10Kbits/s. With an on board
data buffer, phase locked loop and a high quality
front end RF stage, a –107dBm sensitivity is
achieved.
Utilising the latest phase locked loop receiver
technology with one of the compatible transmitter
modules will yield a highly efficient wireless link.
RSSI Values
RF Level (dBm) pin 3
RSSI (volts) pin 6
-110
1.16
-100
1.34
-90
1.59
-80
1.78
-70
1.81
-60
1.81
-50
2.17
-40
2.45
-30
2.52
-20
2.52
-10
2.52



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com