Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

QMR2 Datasheet(PDF) 1 Page - rfsolutions.ltd

No. de pieza QMR2
Descripción Electrónicos  QM Receiver Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RFSOLUTIONS [rfsolutions.ltd]
Página de inicio  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

QMR2 Datasheet(HTML) 1 Page - rfsolutions.ltd

  QMR2 Datasheet HTML 1Page - rfsolutions.ltd QMR2 Datasheet HTML 2Page - rfsolutions.ltd QMR2 Datasheet HTML 3Page - rfsolutions.ltd QMR2 Datasheet HTML 4Page - rfsolutions.ltd QMR2 Datasheet HTML 5Page - rfsolutions.ltd QMR2 Datasheet HTML 6Page - rfsolutions.ltd QMR2 Datasheet HTML 7Page - rfsolutions.ltd QMR2 Datasheet HTML 8Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Ds302_3
AUG 01
©
©2001 REG No 277 4001 England
Page 1
QM Receiver Module
QMR1 / QMR2
Features
• Miniature SIL Package
• Unique QM (Quasi AM/FM) Design
• Data Rates Up To 10kbits/s
• Optimal Range 200m (433.92MHz
Versions)
• 433.92 / 868 MHz Versions
• Very High Sensitivity (-112 dBm)
• Very Low Current Consumption
• Single 5v Supply
• Signal Strength Output (RSSI)
• High Selectivity (20KHz B/W Possible
on QMR1 )
• Immune To FM Threshold Effect
Applications
• Vehicle Alarm Systems
• Remote Gate Controls
• Garage Door Openers
• Domestic And Commercial Security
General Description
These miniature UHF receiver radio modules
enable the implementation of a simple telemetry
link at data rates of up to 10Kbit/s when used with
one of the compatible transmitter modules
Available for operation at 433.92 and 868 MHz
these modules are able to receive at distances of
up to 200Mtrs.
Compatible Transmitter Modules
• QFMT1-XXX (see data sheet DS301)
• QAMT2-XXX (see data sheet QAMT2 )
The QMR1 / QMR2 modules will suit one-to-one
and multi-node wireless links in applications
including
building
and
car
security,
remote
industrial
process
monitoring
and
computer
networking.
Because of its small size and low
power requirements, the module is ideal for use in
portable battery powered wireless applications


Número de pieza similar - QMR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Qualtek Electronics Cor...
QMR QUALTEK-QMR Datasheet
617Kb / 1P
MOLDED PARTS
QMR110 QUALTEK-QMR110 Datasheet
617Kb / 1P
MOLDED PARTS
QMR120 QUALTEK-QMR120 Datasheet
617Kb / 1P
MOLDED PARTS
QMR130 QUALTEK-QMR130 Datasheet
617Kb / 1P
MOLDED PARTS
QMR140 QUALTEK-QMR140 Datasheet
617Kb / 1P
MOLDED PARTS
More results

Descripción similar - QMR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsubishi Electric Sem...
M65762FP MITSUBISHI-M65762FP Datasheet
137Kb / 28P
QM-CODER(purpose of reducing)
logo
AUK corp
SRM356VF AUK-SRM356VF Datasheet
59Kb / 5P
Receiver Module
logo
Hirose Electric
QM10-14R-PR HIROSE-QM10-14R-PR Datasheet
532Kb / 14P
QM (1.78mm-070) CONNECTORS
logo
List of Unclassifed Man...
L51ROPT1D1 ETC1-L51ROPT1D1 Datasheet
1Mb / 14P
RECEIVER MODULE
logo
rfsolutions.ltd
QFMT1-XXX RFSOLUTIONS-QFMT1-XXX Datasheet
49Kb / 5P
QM Radio Transmitter Module
logo
Renesas Technology Corp
M65761FP RENESAS-M65761FP Datasheet
285Kb / 34P
QM-Coder
M65762FP RENESAS-M65762FP Datasheet
287Kb / 35P
QM-Coder
M65761FP RENESAS-M65761FP_15 Datasheet
304Kb / 36P
QM-Coder
logo
List of Unclassifed Man...
RWS-PO929 ETC2-RWS-PO929 Datasheet
606Kb / 2P
Receiver Module
logo
Everlight Electronics C...
EAIRMLA2 EVERLIGHT-EAIRMLA2 Datasheet
699Kb / 9P
Infrared Receiver Control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com