Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

QMR2 Datasheet(PDF) 5 Page - rfsolutions.ltd

No. de pieza QMR2
Descripción Electrónicos  QM Receiver Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RFSOLUTIONS [rfsolutions.ltd]
Página de inicio  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

QMR2 Datasheet(HTML) 5 Page - rfsolutions.ltd

  QMR2 Datasheet HTML 1Page - rfsolutions.ltd QMR2 Datasheet HTML 2Page - rfsolutions.ltd QMR2 Datasheet HTML 3Page - rfsolutions.ltd QMR2 Datasheet HTML 4Page - rfsolutions.ltd QMR2 Datasheet HTML 5Page - rfsolutions.ltd QMR2 Datasheet HTML 6Page - rfsolutions.ltd QMR2 Datasheet HTML 7Page - rfsolutions.ltd QMR2 Datasheet HTML 8Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Ds302_3
AUG 01
©
©2001 REG No 277 4001 England
Page 5
QM Receiver Module
QMR1 / QMR2
Application Information
Antenna Design
The design and positioning of the antenna is as
crucial as the module performance itself in
achieving a good wireless system range.
The
following will assist the designer in maximising
system performance.
The antenna should be kept as far away from
sources of electrical interference as physically
possible.
If necessary, additional power line
decoupling capacitors should be placed close to
the module.
The antenna ‘hot end’ should be kept clear of any
objects, especially any metal as this can severely
restrict the efficiency of the antenna to receive
power. Any earth planes restricting the radiation
path to the antenna will also have the same effect.
Best range is achieved with either a straight piece
of wire, rod or PCB track @ ¼ wavelength
(15.5cm @ 433.92MHz). Further range may be
achieved if the ¼ wave antenna is placed
perpendicular in the middle of a solid earth plane
measuring at least 16cm radius. In this case, the
antenna should be connected to the module via
some 50 ohm characteristic impedance coax
RF
RF
Helical Antenna
Whip Antenna
34mm @ 433MHz
17 turns equally spaced
∅ = 5mm (inside)
15.5cm @ 433MHz
Figure 5: Antenna Configurations To Be Used
With The Modules
Receiver Data Output Buffer
The QMR1 receiver has a push-pull data output
drive limited to 20uA.
If drive problems are
experienced,
and
sometimes
they
exhibit
themselves in a poor system range, the following
simple
buffer
stage
should
be
incorporated
between
the
module
data
output
and
the
subsequent stage. This buffer is already present
on the QMR2 receiver.
U1
1K5
Data Out
Data From
Receiver
+5V
+5V
U1 = SOT23 Package
part number BU4581 (ROHM)
Figure 6: Receiver Data Output Buffer



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com