Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

74LS259 Datasheet(PDF) 3 Page - SYC Electronica

No. de pieza 74LS259
Descripción Electrónicos  8-Bit Addressable Latches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYC [SYC Electronica]
Página de inicio  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS259 Datasheet(HTML) 3 Page - SYC Electronica

  74LS259 Datasheet HTML 1Page - SYC Electronica 74LS259 Datasheet HTML 2Page - SYC Electronica 74LS259 Datasheet HTML 3Page - SYC Electronica 74LS259 Datasheet HTML 4Page - SYC Electronica 74LS259 Datasheet HTML 5Page - SYC Electronica 74LS259 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the “Electrical
Characteristics” table are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Note 2: The symbols (
↓, ↑) indicate the edge of the clock pulse used for reference: ↑ for rising edge, ↓ for falling edge.
Note 3: Setup and hold times are with reference to the enable input.
Note 4: The select-to-enable setup time is the time before the HIGH-to-LOW enable transition that the select must be stable so that the correct latch is
selected and the others not affected.
Note 5: TA = 25°C and VCC = 5V.
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 6: All typicals are at VCC = 5V, TA = 25°C.
Note 7: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Note 8: ICC is measured with all inputs at 4.5V, and all outputs OPEN.
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
8
mA
tW
Pulse Width
Enable
15
ns
(Note 5)
Clear
15
tSU
Setup Time
Data
15
↑
ns
(Note 2)(Note 3)(Note 4)(Note 5) Select
15
↓
tH
Hold Time
Data
2.5
↑
ns
(Note 2)(Note 3)(Note 5)
Select
2.5
↑
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 6)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
VOH
HIGH Level
VCC = Min, IOH = Max
2.7
3.4
V
Output Voltage
VIL = Max, VIH = Min
VOL
LOW Level
VCC = Min, IOL = Max
0.35
0.5
Output Voltage
VIL = Max, VIH = Min
V
IOL = 4 mA, VCC = Min
0.25
0.4
II
Input Current @ Max
VCC = Max, VI = 7V
0.1
mA
Input Voltage
VI = 10V
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V
−0.4
mA
Enable
VCC = Max, VI = 0.4V
−0.8
IOS
Short Circuit Output Current
VCC = Max (Note 7)
−20
−100
mA
ICC
Supply Current
VCC = Max (Note 8)
22
36
mA
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com