Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

74LS259 Datasheet(PDF) 4 Page - SYC Electronica

No. de pieza 74LS259
Descripción Electrónicos  8-Bit Addressable Latches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYC [SYC Electronica]
Página de inicio  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS259 Datasheet(HTML) 4 Page - SYC Electronica

  74LS259 Datasheet HTML 1Page - SYC Electronica 74LS259 Datasheet HTML 2Page - SYC Electronica 74LS259 Datasheet HTML 3Page - SYC Electronica 74LS259 Datasheet HTML 4Page - SYC Electronica 74LS259 Datasheet HTML 5Page - SYC Electronica 74LS259 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Switching Characteristics
at VCC = 5V and TA = 25°C
Symbol
Parameter
From (Input)
CL = 50 pF
Units
To (Output)
RL = 2 kΩ
Min
Max
tPLH
Propagation Delay Time
Enable to Output
38
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Enable to Output
32
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Data to Output
35
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Data to Output
30
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Select to Output
41
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Select to Output
38
ns
HIGH-to-LOW Level Output
tPHL
Propagation Delay Time
Clear to Output
36
ns
HIGH-to-LOW Level Output
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com