Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

74LS259 Datasheet(PDF) 1 Page - SYC Electronica

No. de pieza 74LS259
Descripción Electrónicos  8-Bit Addressable Latches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYC [SYC Electronica]
Página de inicio  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS259 Datasheet(HTML) 1 Page - SYC Electronica

  74LS259 Datasheet HTML 1Page - SYC Electronica 74LS259 Datasheet HTML 2Page - SYC Electronica 74LS259 Datasheet HTML 3Page - SYC Electronica 74LS259 Datasheet HTML 4Page - SYC Electronica 74LS259 Datasheet HTML 5Page - SYC Electronica 74LS259 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
74LS259
8-Bit Addressable Latches
General Description
These 8-bit addressable latches are designed for general
purpose storage applications in digital systems. Specific
uses include working registers, serial-holding registers,
and active-high decoders or demultiplexers. They are mul-
tifunctional devices capable of storing single-line data in
eight addressable latches, and being a 1-of-8 decoder or
demultiplexer with active-high outputs.
Four distinct modes of operation are selectable by control-
ling the clear and enable inputs as enumerated in the func-
tion table. In the addressable-latch mode, data at the data-
in terminal is written into the addressed latch. The
addressed latch will follow the data input with all unad-
dressed latches remaining in their previous states. In the
memory mode, all latches remain in their previous states
and are unaffected by the data or address inputs. To elimi-
nate the possibility of entering erroneous data in the
latches, the enable should be held HIGH (inactive) while
the address lines are changing. In the 1-of-8 decoding or
demultiplexing mode, the addressed output will follow the
level of the D input with all other outputs LOW. In the clear
mode, all outputs are LOW and unaffected by the address
and data inputs.
Features
s 8-Bit parallel-out storage register performs serial-to-par-
allel conversion with storage
s Asynchronous parallel clear
s Active high decoder
s Enable/disable input simplifies expansion
s Direct replacement for Fairchild DM9334
s Expandable for N-bit applications
s Four distinct functional modes
s Typical propagation delay times:
Enable-to-output
18 ns
Data-to-output
16 ns
Address-to-output 21 ns
Clear-to-output
17 ns
s Fan-out
IOL (sink current)
8 mA
IOH (source current) −0.4 mA
s Typical ICC
22 mA
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Order Number
Package Number
Package Description
DM74LS259M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74LS259WM
M16B
16-Lead Small Outline Intergrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
DM74LS259N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
www.sycelectronica.com.ar


Número de pieza similar - 74LS259

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LS259 FAIRCHILD-74LS259 Datasheet
59Kb / 6P
8-Bit Addressable Latches
More results

Descripción similar - 74LS259

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14099B ONSEMI-MC14099B Datasheet
184Kb / 8P
8-Bit Addressable Latches
March, 2000 ??Rev. 3
logo
Texas Instruments
SN54259 TI-SN54259 Datasheet
200Kb / 5P
8-BIT ADDRESSABLE LATCHES
logo
Fairchild Semiconductor
DM74LS259 FAIRCHILD-DM74LS259 Datasheet
59Kb / 6P
8-Bit Addressable Latches
logo
National Semiconductor ...
DM74259 NSC-DM74259 Datasheet
166Kb / 3P
8-Bit Addressable Latches
logo
Texas Instruments
SNJ54HC259 TI-SNJ54HC259 Datasheet
519Kb / 16P
8-BIT ADDRESSABLE LATCHES
SN54HC289 TI-SN54HC289 Datasheet
365Kb / 15P
8-BIT ADDRESSABLE LATCHES
SN54HC259 TI-SN54HC259_07 Datasheet
686Kb / 19P
8-BIT ADDRESSABLE LATCHES
SN74ALS259DR TI-SN74ALS259DR Datasheet
642Kb / 17P
8-BIT ADDRESSABLE LATCHES
SN54259 TI1-SN54259_10 Datasheet
375Kb / 7P
8-BIT ADDRESSABLE LATCHES
logo
ON Semiconductor
MC14099B ONSEMI-MC14099B_14 Datasheet
102Kb / 7P
8-Bit Addressable Latches
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com