Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SHCV Datasheet(PDF) 14 Page - EPCOS

No. de pieza SHCV
Descripción Electrónicos  Ceramic transient voltage suppressors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EPCOS [EPCOS]
Página de inicio  http://www.epcos.com
Logo EPCOS - EPCOS

SHCV Datasheet(HTML) 14 Page - EPCOS

Back Button SHCV Datasheet HTML 10Page - EPCOS SHCV Datasheet HTML 11Page - EPCOS SHCV Datasheet HTML 12Page - EPCOS SHCV Datasheet HTML 13Page - EPCOS SHCV Datasheet HTML 14Page - EPCOS SHCV Datasheet HTML 15Page - EPCOS SHCV Datasheet HTML 16Page - EPCOS SHCV Datasheet HTML 17Page - EPCOS SHCV Datasheet HTML 18Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Soldering directions
1
Terminations
1.1
Nickel barrier termination
The nickel barrier layer of the silver/nickel/tin termination prevents leaching of the silver base met-
allization layer. This allows great flexibility in the selection of soldering parameters. The tin pre-
vents the nickel layer from oxidizing and thus ensures better wetting by the solder. The nickel bar-
rier termination is suitable for all commonly-used soldering methods.
Multilayer CTVS: Structure of nickel barrier termination
1.2
Silver-palladium termination
Silver-palladium terminations are used for the large case sizes 1812 and 2220 and for chips in-
tended for conductive adhesion. This metallization improves the resistance of large chips to ther-
mal shock.
In case of conductive adhesion, the silver-palladium metallization reduces susceptibility to corro-
sion. Silver-palladium termination can be used for smaller case sizes (only chip) for hybrid appli-
cations as well. The silver-palladium termination is not approved for lead-free soldering.
Multilayer varistor: Structure of silver-palladium termination
Leaded transient voltage/RFI suppressors (SHCVs)
SHCV series
Page 14 of 29
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com