Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SHCV Datasheet(PDF) 20 Page - EPCOS

No. de pieza SHCV
Descripción Electrónicos  Ceramic transient voltage suppressors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EPCOS [EPCOS]
Página de inicio  http://www.epcos.com
Logo EPCOS - EPCOS

SHCV Datasheet(HTML) 20 Page - EPCOS

Back Button SHCV Datasheet HTML 16Page - EPCOS SHCV Datasheet HTML 17Page - EPCOS SHCV Datasheet HTML 18Page - EPCOS SHCV Datasheet HTML 19Page - EPCOS SHCV Datasheet HTML 20Page - EPCOS SHCV Datasheet HTML 21Page - EPCOS SHCV Datasheet HTML 22Page - EPCOS SHCV Datasheet HTML 23Page - EPCOS SHCV Datasheet HTML 24Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
A further advantage of adhesion is that the components are subjected to virtually no temperature
shock at all. The curing temperatures of the adhesives are between 120
°C and 180 °C, typical
curing times are between 30 minutes and one hour.
The bending strength of glued chips is, in comparison with that of soldered chips, higher by a fac-
tor of at least 2, as is to be expected due to the elasticity of the glued joints.
The lower conductivity of conductive adhesive may lead to higher contact resistance and thus re-
sult in electrical data different to those of soldered components. Users must pay special attention
to this in RF applications.
6
Solderability tests
Test
Standard
Test conditions
Sn-Pb soldering
Test conditions
Pb-free soldering
Criteria/ test results
Wettability
IEC
60068-2-58
Immersion in
60/40 SnPb solder
using non-activated
flux at 215
± 3 °C
for 3
± 0.3 s
Immersion in
Sn96.5Ag3.0Cu0.5
solder using non- or
low activated flux
at 245
± 5 °C
for 3
± 0.3 s
Covering of 95% of
end termination,
checked by visual
inspection
Leaching
resistance
IEC
60068-2-58
Immersion in
60/40 SnPb
solder using
mildly activated flux
without preheating
at 260
± 5 °C
for 10
±1 s
Immersion in
Sn96.5Ag3.0Cu0.5
solder using non- or
low activated flux
without preheating
at 255
± 5 °C
for 10
±1 s
No leaching of
contacts
Thermal shock
(solder shock)
Dip soldering at
300
°C/5 s
Dip soldering at
300
°C/5 s
No deterioration of
electrical parameters.
Capacitance change:
≤ ±15%
Tests of resistance
to soldering heat
for SMDs
IEC
60068-2-58
Immersion in
60/40 SnPb for 10 s
at 260
°C
Immersion in
Sn96.5Ag3.0Cu0.5
for 10 s at 260
°C
Change of varistor
voltage:
≤ ±5%
Tests of resistance
to soldering heat
for radial leaded
components
(SHCV)
IEC
60068-2-20
Immersion
of leads in
60/40 SnPb
for 10 s at 260
°C
Immersion
of leads in
Sn96.5Ag3.0Cu0.5
for 10 s at 260
°C
Change of varistor
voltage:
≤ ±5%
Change of
capacitance X7R:
≤ 5/+10%
Leaded transient voltage/RFI suppressors (SHCVs)
SHCV series
Page 20 of 29
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com