Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SHCV Datasheet(PDF) 3 Page - EPCOS

No. de pieza SHCV
Descripción Electrónicos  Ceramic transient voltage suppressors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EPCOS [EPCOS]
Página de inicio  http://www.epcos.com
Logo EPCOS - EPCOS

SHCV Datasheet(HTML) 3 Page - EPCOS

  SHCV Datasheet HTML 1Page - EPCOS SHCV Datasheet HTML 2Page - EPCOS SHCV Datasheet HTML 3Page - EPCOS SHCV Datasheet HTML 4Page - EPCOS SHCV Datasheet HTML 5Page - EPCOS SHCV Datasheet HTML 6Page - EPCOS SHCV Datasheet HTML 7Page - EPCOS SHCV Datasheet HTML 8Page - EPCOS SHCV Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Features
RFI noise suppression and transient overvoltage protection integrated in a
single component
Reliable protection against automotive transients such as load dump and
jump start (for SR1 and SR2 types)
High capacitance (up to 4.7 µF)
Low clamping voltage
RoHS-compatible
Suitable for lead-free soldering
PSpice simulation models available
Applications
RFI noise suppression and transient overvoltage protection on DC lines of
small motors, windscreen wipers, window lifters, mirrors, central locking,
memory seat, sunroof
Design
Combination of multilayer RF filter capacitor and multilayer varistor
Coating: flame-retardant to UL 94 V0, epoxy resin
Terminals: tinned iron wire, RoHS-compatible
V/I characteristics and derating curves
V/I and derating curves are attached to the data sheet. The curves are sorted
by VRMS and then by case size, which is included in the type designation.
General technical data
Maximum RMS operating voltage
VRMS,max
14 ... 35
V
Maximum DC operating voltage
VDC,max
16 ... 45
V
Maximum surge current
(8/20 µs)
Isurge,max
100 ... 1200
A
Maximum load dump energy
(10 pulses)
WLD
1.5 ... 12
J
Maximum jump start voltage
(5 min)
Vjump
24.5 ... 26
V
Maximum clamping voltage
(8/20 µs)
Vclamp,max
38 ... 90
V
Nominal capacitance
(1 kHz, 0.5 V)
Cnom
220 ... 4700
nF
Insulation resistance
Rins
≥ 10
M
Ω
Response time
tresp
< 25
ns
Operating temperature
Top
55/+125
°C
Storage temperature
LCT/UCT
55/+150
°C
Leaded transient voltage/RFI suppressors (SHCVs)
SHCV series
Page 3 of 29
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com