Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SHCV Datasheet(PDF) 16 Page - EPCOS

No. de pieza SHCV
Descripción Electrónicos  Ceramic transient voltage suppressors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EPCOS [EPCOS]
Página de inicio  http://www.epcos.com
Logo EPCOS - EPCOS

SHCV Datasheet(HTML) 16 Page - EPCOS

Back Button SHCV Datasheet HTML 12Page - EPCOS SHCV Datasheet HTML 13Page - EPCOS SHCV Datasheet HTML 14Page - EPCOS SHCV Datasheet HTML 15Page - EPCOS SHCV Datasheet HTML 16Page - EPCOS SHCV Datasheet HTML 17Page - EPCOS SHCV Datasheet HTML 18Page - EPCOS SHCV Datasheet HTML 19Page - EPCOS SHCV Datasheet HTML 20Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Profile feature
Sn-Pb eutectic assembly
Pb-free assembly
Preheat and soak
- Temperature min
Tsmin
100
°C
150
°C
- Temperature max
Tsmax
150
°C
200
°C
- Time
tsmin to tsmax 60 ... 120 s
60 ... 180 s
Average ramp-up rate
Tsmax to Tp
3
°C/ s max.
3
°C/ s max.
Liquidous temperature
TL
183
°C
217
°C
Time at liquidous
tL
60 ... 150 s
60 ... 150 s
Peak package body temperature
Tp1)
220
°C ... 235 °C2)
245
°C ... 260 °C2)
Time (tP)3) within 5
°C of specified
classification temperature (Tc)
20 s3)
30 s3)
Average ramp-down rate
Tp to Tsmax
6
°C/ s max.
6
°C/ s max.
Time 25
°C to peak temperature
maximum 6 min
maximum 8 min
1) Tolerance for peak profile temperature (TP) is defined as a supplier minimum and a user maximum.
2) Depending on package thickness. For details please refer to JEDEC J-STD-020D.
3) Tolerance for time at peak profile temperature (tP) is defined as a supplier minimum and a user maximum.
Note: All temperatures refer to topside of the package, measured on the package body surface.
Number of reflow cycles: 3
2.2
Wave soldering temperature profile
Temperature characteristics at component terminal with dual-wave soldering
Leaded transient voltage/RFI suppressors (SHCVs)
SHCV series
Page 16 of 29
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com