Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G474CCU6 Datasheet(PDF) 104 Page - STMicroelectronics

No. de pieza STM32G474CCU6
Descripción Electrónicos  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CCU6 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32G474CCU6 Datasheet HTML 100Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 101Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 102Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 103Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 104Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 105Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 106Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 107Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 232 page
background image
Table 29. Typical current consumption in Run and Low-power run modes, with different codes
running from SRAM2
Symbol
Parameter
Conditions
fHCLK
TYP
Unit
TYP
Unit
-
Voltage
scaling
Single bank
mode
Single
bank
mode
IDD (Run)
Supply current in
Run mode
fHCLK = fHSE up to 48 MHZ
included, bypass mode
PLL ON above 48 MHz all
peripherals disable
Range2
fHCLK=26 M
Hz
Reduced code(1)
2.65
mA
102
µA/MHz
Coremark
2.80
108
Dhrystone2.1
2.65
102
Fibonacci
2.60
100
While(1)
2.45
94
Range 1
fHCLK= 150
MHz
Reduced code(1)
17.50
mA
117
µA/MHz
Coremark
18.00
120
Dhrystone2.1
17.50
117
Fibonacci
17.00
113
While(1)
16
107
Range 1
Boost mode
fHCLK=
170 MHz
Reduced code(1)
21.00
mA
124
µA/MHz
Coremark
22.00
129
Dhrystone2.1
21.00
124
Fibonacci
20.50
121
While(1)
19.50
115
IDD
(LPRun)
Supply current in
Low-power run
SYSCLK source is HSI16
FHCLK = 2MHz
all peripherals disable
Reduced code(1)
890
µA
445
µA/MHz
Coremark
830
415
Dhrystone2.1
825
413
Fibonacci
830
415
While(1)
815
408
1. Reduced code used for characterization results provided in Table 21, Table 23, Table 25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com