Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G474CCU6 Datasheet(PDF) 108 Page - STMicroelectronics

No. de pieza STM32G474CCU6
Descripción Electrónicos  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CCU6 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button STM32G474CCU6 Datasheet HTML 104Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 105Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 106Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 107Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 108Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 109Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 110Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 111Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 232 page
background image
Table 33. Current consumption in Stop 1 mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
VDD
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD
(Stop 1)
Supply current
in Stop 1
mode, RTC
disabled
RTC disabled
1.8 V
80
250
830
1550
2850
230
770
2400
4600
6000
µA
2.4 V
80
250
835
1600
2850
230
780
2400
4600
8400
3.0 V
80.5
255
840
1600
2900
230
780
2400
4600
8400
3.6 V
81.5
255
845
1600
2900
240
780
2400
4600
8400
IDD
(Stop 1
with
RTC)
Supply current
in Stop 1
mode, RTC
enabled
RTC clocked by LSI
1.8 V
80.5
255
830
1550
2850
230
770
2400
4600
11000
2.4 V
81
255
835
1600
2850
230
770
2400
4600
11000
3.0 V
81.5
255
835
1600
2850
230
780
2400
4600
11000
3.6 V
82
255
845
1600
2900
240
780
2400
4600
11000
(2)
RTC clocked by LSE
bypassed at 32768 Hz
1.8 V
80
255
830
1550
2850
-
-
-
-
-
2.4 V
80.5
255
830
1600
2850
-
-
-
-
-
3.0 V
81.5
255
835
1600
2900
-
-
-
-
-
3.6 V
83
260
845
1600
2900
-
-
-
-
-
RTC clocked by LSE
quartz in low drive mode
at 32768 Hz
1.8 V
83.5
220
655
1300
----
--
2.4 V
84
220
660
1300
----
--
3.0 V
84.5
220
660
1300
----
--
3.6 V
87
220
660
1300
----
--
IDD
(wakeu
p from
Stop 1
Supply current
during wakeup
from
Stop 1 mode
Wakeup clock is HSI6,
voltage Range 1
3.0 V
1.73
---
----
--
mA
Wakeup clock is
HSI6 = 4 MHz,
(HPRE = 4),
voltage Range 2
3.0 V
1.29
---
----
--
1. Guaranteed by characterization results, unless otherwise specified.
2. Guaranteed by test in production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com