Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G474CCU6 Datasheet(PDF) 113 Page - STMicroelectronics

No. de pieza STM32G474CCU6
Descripción Electrónicos  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CCU6 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STM32G474CCU6 Datasheet HTML 109Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 110Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 111Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 112Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 113Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 114Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 115Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 116Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 232 page
background image
Table 37. Current consumption in VBAT mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
VBAT
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD(VBAT)
Backup domain
supply current
RTC
disabled
1.8 V
4
17
92
245
600
----
-
nA
2.4 V
5
20
105
280
690
----
-
3 V
6
24
125
330
805
----
-
3.6 V
16
54
260
675
1650
----
-
RTC
enabled and
clocked by
LSE
bypassed at
32768 Hz
1.8 V
310
315
350
470
-----
-
2.4 V
435
440
500
665
-----
-
3 V
720
815
1050
1350
-----
-
3.6 V
2150
2600
3400
4050
-----
-
RTC
enabled and
clocked by
LSE
quartz(2)
1.8 V
270
345
455
715
835
----
-
2.4 V
385
455
650
910
910
----
-
3 V
525
600
910
1150
1000
----
-
3.6 V
710
995
1250
1700
1900
----
-
1. Guaranteed by characterization results, unless otherwise specified.
2. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com