Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G474CCU6 Datasheet(PDF) 109 Page - STMicroelectronics

No. de pieza STM32G474CCU6
Descripción Electrónicos  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CCU6 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STM32G474CCU6 Datasheet HTML 105Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 106Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 107Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 108Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 109Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 110Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 111Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 112Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 232 page
background image
Table 34. Current consumption in Stop 0 mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
VDD
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD(Stop 0)
Supply current
in Stop 0 mode,
RTC disabled
-
1.8 V
190
380
980
1750
3100
350
920
2700
5000
12000
µA
2.4 V
190
380
985
1750
3100
350
930
2700
5100
12000
3 V
190
380
985
1750
3100
350
940
2700
5100
12000
3.6 V
190
380
985
1750
3100
360
940
2700
5200
12000
(2)
1. Guaranteed by characterization results, unless otherwise specified.
2. Guaranteed by test in production.
Table 35. Current consumption in Standby mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
VDD
25°C
55°C
85°C 105°C 125°C 25°C 55°C 85°C 105°C
125°C
IDD
(Standby)
Supply current in Standby
mode (backup registers
retained),
RTC disabled
No
independent
watchdog
1.8 V
100
275
1350
3450
8450
270
1800 4700
8800
24000
nA
2.4 V
110
325
1600
4100
10000
290
2100 5200 11000
28000
3 V
130
385
1900
4850
12000
350
2300 6200 12000
32000
3.6 V
180
530
2400
6050
14500
670
2400 7200 14000
38000
(2)
With
independent
watchdog
1.8 V
300
-
-
-
-
---
-
-
2.4 V
365
-
-
-
-
---
-
-
3 V
435
-
-
-
-
---
-
-
3.6 V
545
-
-
-
-
---
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com