Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G474CCU6 Datasheet(PDF) 141 Page - STMicroelectronics

No. de pieza STM32G474CCU6
Descripción Electrónicos  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CCU6 Datasheet(HTML) 141 Page - STMicroelectronics

Back Button STM32G474CCU6 Datasheet HTML 137Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 138Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 139Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 140Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 141Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 142Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 143Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 144Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 232 page
background image
DS12288 Rev 1
141/232
STM32G474xB STM32G474xC STM32G474xE
Electrical characteristics
201
Table 63. HRTIM output response to fault protection(1)
1. Refer to Fault paragraph in HRTIM section of RM0440.
Symbol
Parameter
Conditions
Min.
Typ. Max.(2)
2. Data based on characterization results, not tested in production.
Unit
tLAT(DF)
Digital fault response
latency
Propagation delay from
HRTIM1_FLTx digital input to
HRTIM_CHxy output pin
-9
20
ns
tW(FLT)
Minimum Fault pulse
width
-7
-
-
tLAT(AF)
Analog fault response
latency
Propagation delay from
comparator COMPx_INP input
pin to HRTIM_CHxy output pin
-16
31
Table 64. HRTIM output response to external events 1 to 5
(Low-Latency mode(1))
1. EExFAST bit in HRTIM_EECR1 register is set (Low Latency mode). This functionality is available on
external events channels 1 to 5. Refer to Latency to external events paragraph in HRTIM section of
RM0440.
Symbol
Parameter
Conditions
Min Typ(2)
2. Data based on characterization results, not tested in production.
Max(2)
Unit
tLAT(DEEV)
Digital external event
response latency
Propagation delay from
HRTIM1_EEVx digital input to
HRTIM_CHxy output pin (30pF
load)
-12
23
ns
tW(EEV)
Minimum external
event pulse width
-7
-
-
tLAT(AEEV)
Analog external event
response latency
Propagation delay from
comparator COMPx_INP input
pin to HRTIM_CHxy output pin
(30pF load)
-19
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com