Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G474CCU6 Datasheet(PDF) 142 Page - STMicroelectronics

No. de pieza STM32G474CCU6
Descripción Electrónicos  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CCU6 Datasheet(HTML) 142 Page - STMicroelectronics

Back Button STM32G474CCU6 Datasheet HTML 138Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 139Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 140Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 141Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 142Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 143Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 144Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 145Page - STMicroelectronics STM32G474CCU6 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 232 page
background image
Electrical characteristics
STM32G474xB STM32G474xC STM32G474xE
142/232
DS12288 Rev 1
5.3.17
Extended interrupt and event controller input (EXTI) characteristics
The pulse on the interrupt input must have a minimal length in order to guarantee that it is
detected by the event controller.
Table 65. HRTIM output response to external events 1 to 10 (Synchronous mode (1))
Symbol
Parameter
Conditions
Min. Typ. Max.(2)
Unit
tLAT(DEEV)
Digital external event
response latency
Propagation delay from HRTIM1_EEVx
digital input to HRTIM_CHxy output pin
(30pF load) (3)
-56
66
ns
tLAT(AEEV)
Analog external event
response latency
Propagation delay from COMPx_INP
input pin to HRTIM_CHxy output pin
(30pF load) (3)
-62
76
ns
tW(EEV)
Minimum external event
pulse width
-7
-
-
ns
TJIT(EEV)
External event response
jitter
Jitter of the delay from HRTIM1_EEVx
digital input or COMPx_INP to
HRTIM_CHxy output pin
--
1
tHRTIM (4)
1. EExFAST bit in HRTIM_EECR1 or HRTIM_EECR2 register is cleared (synchronous mode). External event filtering is
disabled, i.e. EExF[3:0]=0000 in HRTIM_EECR2 register. Refer to Latency to external events paragraph in HRTIM section
of RM0440.
2. Data based on characterization results, not tested in production.
3. This parameter is given for fHRTIM = 170 MHz.
4. THRTIM = 1 / fHRTIM with fHRTIM= 170 MHz.
Table 66. HRTIM synchronization input / output(1)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
tW(SYNCIN)
Minimum pulse width on
SYNCIN inputs, including
HRTIM_SCIN
-2
-
-
tHRTIM
tRES(ESR)
Response time to external
synchronization request
-
--3
tHRTIM
tW(SYNCOUT)
Pulse width on
HRTIM_SCOUT output
--
16
-
tHRTIM
fHRTIM=170 MHz
-
94.1
-
ns
1. Guaranteed by design, not tested in production.
Table 67. EXTI input characteristics(1)
1. Guaranteed by design.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
PLEC
Pulse length to event
controller
-20
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com