Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PRDWT18-14XC Datasheet(PDF) 5 Page - Autonics Corporation

No. de pieza PRDWT18-14XC
Descripción Electrónicos  Long distance proximity sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AUTONICS [Autonics Corporation]
Página de inicio  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PRDWT18-14XC Datasheet(HTML) 5 Page - Autonics Corporation

  PRDWT18-14XC Datasheet HTML 1Page - Autonics Corporation PRDWT18-14XC Datasheet HTML 2Page - Autonics Corporation PRDWT18-14XC Datasheet HTML 3Page - Autonics Corporation PRDWT18-14XC Datasheet HTML 4Page - Autonics Corporation PRDWT18-14XC Datasheet HTML 5Page - Autonics Corporation PRDWT18-14XC Datasheet HTML 6Page - Autonics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
D-15
(A)
Photo
electric
sensorr
(B)
Fiber
optic
sensor
(C)
Door/Area
sensor
(D)
Proximity
sensor
(E)
Pressure
sensor
(F)
Rotary
encoder
(G)
Connector/
Socket
(H)
Temp.
controller
(I)
SSR/
Power
controller
(J)
Counter
(K)
Timer
(L)
Panel
meter
(M)
Tacho/
Speed/ Pulse
meter
(N)
Display
unit
(O)
Sensor
controller
(P)
Switching
mode power
supply
(Q)
Stepper
motor&
Driver&Controller
(R)
Graphic/
Logic
panel
(S)
Field
network
device
(T)
Software
(U)
Other
Long Distance Type
NPN output type
< FX4 >
100-240VAC
(PRD18-7DN)
※The load can be connected to either wire.
Brown
Brown
Black
Black
Blue
Blue
※The number in a circle is pin no. of connector.
(unit: mm)
Dimensions
Control output diagram
DC 2-wire type
DC 2-wire type
DC 3-wire type
DC 3-wire type
Load
Load
Brown
Blue
+V
0V
cp1 cp2 +12V 0V
8
1
9
2
10
3
11
4
12
5
13
6
14
7
(PRD18-7DN)
< PA10-U >
(PRD18-7DN)
PNP output type
Connections
Brown
Black
10
㏀
Load
+V
0V
Blue
Load
+V
0V
Brown
Blue
Sensing
target
Load
Operation
Indicator
(red LED)
Presence
Nothing
Operation
Return
ON
OFF
N.O.
N.C.
4
1
4
3
3
Sensing
target
Load
(brown-black)
Output voltage
(black-blue)
Operation
Indicator
(red LED)
H
L
ON
OFF
N.O.
N.C.
Presence
None
Operation
Return
Brown
Black
+V
0V
10
㏀
Blue
Load
1
4
3
N.O.
N.C.
Sensing
target
Load
(black-blue)
Output voltage
(black-blue)
Operation
Indicator
(red LED)
H
L
ON
OFF
Presence
None
Operation
Return
● PRDWL(T)30-15D
● PRDWL(T)30-25D
ø42
35
84
60
300
5
ø5
M30×1.5
M12
Operation indicator
300
M30×1.5
M12
ø42
35
84
50
5
ø5
10
Operation indicator



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com