Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PRDWT18-14XC Datasheet(PDF) 1 Page - Autonics Corporation

No. de pieza PRDWT18-14XC
Descripción Electrónicos  Long distance proximity sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AUTONICS [Autonics Corporation]
Página de inicio  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PRDWT18-14XC Datasheet(HTML) 1 Page - Autonics Corporation

  PRDWT18-14XC Datasheet HTML 1Page - Autonics Corporation PRDWT18-14XC Datasheet HTML 2Page - Autonics Corporation PRDWT18-14XC Datasheet HTML 3Page - Autonics Corporation PRDWT18-14XC Datasheet HTML 4Page - Autonics Corporation PRDWT18-14XC Datasheet HTML 5Page - Autonics Corporation PRDWT18-14XC Datasheet HTML 6Page - Autonics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
D-11
(A)
Photo
electric
sensorr
(B)
Fiber
optic
sensor
(C)
Door/Area
sensor
(D)
Proximity
sensor
(E)
Pressure
sensor
(F)
Rotary
encoder
(G)
Connector/
Socket
(H)
Temp.
controller
(I)
SSR/
Power
controller
(J)
Counter
(K)
Timer
(L)
Panel
meter
(M)
Tacho/
Speed/ Pulse
meter
(N)
Display
unit
(O)
Sensor
controller
(P)
Switching
mode power
supply
(Q)
Stepper
motor&
Driver&Controller
(R)
Graphic/
Logic
panel
(S)
Field
network
device
(T)
Software
(U)
Other
Long Distance Type
Features
Long distance proximity sensor
● Long sensing distance
(1.5 to 2 times longer sensing distance guaranteed
compared to existing models)
● Improved the noise resistance with dedicated IC
● Built-in surge protection, reverse polarity protection,
overcurrent protection circuit
● Long life cycle and high reliability
● Red LED status indication
● Protection structure IP67(IEC standard)
● Replaceable for micro switches and limit switches
● Improved cable strain relief : More reliable flexural
strength of sensor/cable connecting part
Specifications
● DC 2-wire type
※1: The response frequency is the average value. The standard sensing target is used and the width is set as 2 times of the standard
sensing target, 1/2 of the sensing distance for the distance.
※2: Before using non-polarity type, check the condition of connected device because residual voltage is 5V.
※The '□' of model name is for power type. 'D' is 12-24VDC, 'X' is non-polarity 12-24VDC.
※The last 'V' of model name is for the model with oil-resistance reinforced cable.
※Environment resistance is rated at no freezing or condensation.
Model
PRDT12-4□O
PRDT12-4□C
PRDT12-4□O-V
PRDT12-4□C-V
PRDLT12-4□O
PRDLT12-4□C
PRDLT12-4□O-V
PRDLT12-4□C-V
PRDWT12-4□O
PRDWT12-4□C
PRDWT12-4□O-I
PRDWT12-4□C-I
PRDWT12-4□O-IV
PRDWT12-4□C-IV
PRDT12-8□O
PRDT12-8□C
PRDT12-8□O-V
PRDT12-8□C-V
PRDLT12-8□O
PRDLT12-8□C
PRDLT12-8□O-V
PRDLT12-8□C-V
PRDWT12-8□O
PRDWT12-8□C
PRDWT12-8□O-I
PRDWT12-8□C-I
PRDWT12-8□O-IV
PRDWT12-8□C-IV
PRDT18-7□O
PRDT18-7□C
PRDT18-7□O-V
PRDT18-7□C-V
PRDLT18-7□O
PRDLT18-7□C
PRDLT18-7□O-V
PRDLT18-7□C-V
PRDWT18-7□O
PRDWT18-7□C
PRDWT18-7□O-I
PRDWT18-7□C-I
PRDWT18-7□O-IV
PRDWT18-7□C-IV
PRDWLT18-7□O-IV
PRDWLT18-7□C-IV
PRDT18-14□O
PRDT18-14□C
PRDT18-14□O-V
PRDT18-14□C-V
PRDLT18-14□O
PRDLT18-14□C
PRDLT18-14□O-V
PRDLT18-14□C-V
PRDWT18-14□O
PRDWT18-14□C
PRDWT18-14□O-I
PRDWT18-14□C-I
PRDWT18-14□O-IV
PRDWT18-14□C-IV
PRDWLT18-14□O-IV
PRDWLT18-14□C-IV
PRDT30-15□O
PRDT30-15□C
PRDT30-15□O-V
PRDT30-15□C-V
PRDLT30-15□O
PRDLT30-15□C
PRDLT30-15□O-V
PRDLT30-15□C-V
PRDWT30-15□O
PRDWT30-15□C
PRDWT30-15□O-I
PRDWT30-15□C-I
PRDWT30-15□O-IV
PRDWT30-15□C-IV
PRDT30-25□O
PRDT30-25□C
PRDT30-25□O-V
PRDT30-25□C-V
PRDLT30-25□O
PRDLT30-25□C
PRDLT30-25□O-V
PRDLT30-25□C-V
PRDWT30-25□O
PRDWT30-25□C
PRDWT30-25□O-I
PRDWT30-25□C-I
PRDWT30-25□O-IV
PRDWT30-25□C-IV
Sensing distance
4
mm
8mm
7
mm
14
mm
15
mm
25
mm
Hysteresis
Max. 10% of sensing distance
Standard sensing target 12×12×1mm(Iron) 25×25×1mm (Iron) 20×20×1mm (Iron) 40×40×1mm (Iron) 45×45×1mm (Iron) 75×75×1mm (Iron)
Sensing distance
0 to 2.8mm
0 to 5.6mm
0 to 4.9mm
0 to 9.8mm
0 to 10.5mm
0 to 17.5mm
Power supply
(Operating voltage)
12-24VDC
(10-30VDC)
Leakage current
Max. 0.6mA
Response frequency※1 450
HZ
400
Hz
250
Hz
200
Hz
100
Hz
Residual voltage※2
Max. 3.5V(for non-polarity type, max. 5V)
Affection by Temp.
Max. ±10% for sensing distance at ambient temperature 20℃
Control output
2 to 100mA
Insulation resistance
Min. 50MΩ(at 500VDC megger)
Dielectric strength
1500VAC 50/60Hz for 1minute
Vibration
1mm amplitude at frequency of 10 to 55Hz(for 1 min.) in each of X, Y, Z directions for 2 hours
Shock
500m/s²(approx. 50G) X, Y, Z directions for 3 times
Indicator
Operation indicator(red LED)
Environ-
ment
Ambient temperature -25 to 70
℃, Storage: -30 to 80℃
Ambient humidity 35 to 95%RH, Storage: 35 to 95%RH
Protection circuit
Surge protection circuit, Reverse polarity protection circuit, Overcurrent protection circuit
Material
Case/Nut: Nickel plated Brass, Washer: Nickel plated Iron, Sensing surface: Heat-resistant ABS,
Standard cable(Black): Polyvinyl chloride(PVC), Oil resistant cable(Gray): Oil resistant Polyvinyl chloride(PVC)
Cable
ø4, 2-wire, 2m
ø5, 2-wire, 2m
(For cable type, 300mm, M12 connector), (AWG22, Core diameter: 0.08mm, Number of cores: 60, Insulator diameter: ø1.25)
Approval
Protection
IP67(IEC Standard)
Unit weight
PRDT:Approx. 74g
PRDLT:Approx. 94g
PRDWT:Approx. 44g
PRDT:Approx. 72g
PRDLT:Approx. 92g
PRDWT:Approx. 42g
PRDT:Approx. 115g
PRDLT:Approx. 145g
PRDWT:Approx. 80g
PRDWLT: Approx. 42g
PRDT:Approx. 110g
PRDLT:Approx. 140g
PRDWT:Approx. 75g
PRDWLT: Approx. 105g
PRDT:Approx. 175g
PRDLT:Approx. 215g
PRDWT:Approx. 140g
PRDT:Approx. 180g
PRDLT:Approx. 220g
PRDWT:Approx. 145g
Line-up
Please read “Caution for your safety” in operation
manual before using.
PRD/PRDW Series


Número de pieza similar - PRDWT18-14XC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
PRDWT18-14DC ETC2-PRDWT18-14DC Datasheet
188Kb / 5P
Long sensing distance proximity sensor
PRDWT18-14DC-I ETC2-PRDWT18-14DC-I Datasheet
188Kb / 5P
Long sensing distance proximity sensor
PRDWT18-14DC-IV ETC2-PRDWT18-14DC-IV Datasheet
188Kb / 5P
Long sensing distance proximity sensor
PRDWT18-14DO ETC2-PRDWT18-14DO Datasheet
188Kb / 5P
Long sensing distance proximity sensor
PRDWT18-14DO-I ETC2-PRDWT18-14DO-I Datasheet
188Kb / 5P
Long sensing distance proximity sensor
More results

Descripción similar - PRDWT18-14XC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sharp Corporation
GP2Y0A02 SHARP-GP2Y0A02 Datasheet
64Kb / 4P
LONG DISTANCE MEASURING SENSOR
logo
Omron Electronics LLC
E2K-C OMRON-E2K-C Datasheet
122Kb / 6P
Long-distance capacitive proximity sensor
E2K-C25ME1 OMRON-E2K-C25ME1 Datasheet
389Kb / 6P
Long-distance Capacitive Proximity Sensor
E2KC25MY1 OMRON-E2KC25MY1 Datasheet
373Kb / 18P
Adjustable Long-distance Sensor
logo
List of Unclassifed Man...
PRD18-7DN ETC2-PRD18-7DN Datasheet
188Kb / 5P
Long sensing distance proximity sensor
logo
Vishay Siliconix
VCNL4200 VISHAY-VCNL4200 Datasheet
212Kb / 18P
High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
22-Sep-17
logo
Texas Instruments
OPT3101 TI1-OPT3101 Datasheet
2Mb / 111P
ToF based Long Range Proximity and Distance Sensor AFE
OPT3101 TI1-OPT3101_18 Datasheet
2Mb / 120P
ToF-Based Long-Range Proximity and Distance Sensor AFE
logo
Vishay Siliconix
VCNL4200 VISHAY-VCNL4200_V01 Datasheet
230Kb / 18P
High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
20-Jul-2022
VCNL4200 VISHAY-VCNL4200_V02 Datasheet
231Kb / 18P
High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
20-Jul-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com