Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PRDWT18-14XC Datasheet(PDF) 6 Page - Autonics Corporation

No. de pieza PRDWT18-14XC
Descripción Electrónicos  Long distance proximity sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AUTONICS [Autonics Corporation]
Página de inicio  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PRDWT18-14XC Datasheet(HTML) 6 Page - Autonics Corporation

  PRDWT18-14XC Datasheet HTML 1Page - Autonics Corporation PRDWT18-14XC Datasheet HTML 2Page - Autonics Corporation PRDWT18-14XC Datasheet HTML 3Page - Autonics Corporation PRDWT18-14XC Datasheet HTML 4Page - Autonics Corporation PRDWT18-14XC Datasheet HTML 5Page - Autonics Corporation PRDWT18-14XC Datasheet HTML 6Page - Autonics Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
D-16
PRD/PRDW Series
Normally Open(N.O.) / Normally Closed(N.C.)
Load
+V
2
3
1
4
0V
Brown
Blue
Load
+V
2
3
1
4
0V
Brown
Blue
Normally Open(N.O.)
Normally Closed(N.C.)
Load
+V
Blue
2
3
1
4
Brown
0V
Load
+V
Blue
2
3
1
4
Brown
0V
NPN output type
PNP output type
Load
+V
Blue
Black
2
3
1
4
Brown
0V
Load
+V
Blue
Black
2
3
1
4
Brown
0V
Load
Load
Load
Vs : Power supply,
Ioff : Return current of load,
Io : Min. action current of proximity sensor
P : Number of Bleeder resistance watt
[
]
Vs
24VDC
< DC 2-wire type >
Bleeder resistor(R)
< DC 2-wire type >
+
+
+
-
-
-
Blue
Blue
Blue
Vs
R =
Io-Ioff
(Ω)
Vs2
P =
R
(W)
Brown
Brown
Brown
Face to Face
Parallel
A
ød
m
B
(unit: mm)
ℓ
ℓ
ℓ
※Pin ①, ② are not used terminals.
※For DC 3-wire type connector cable, it is available to use with
black wire(12-24VDC) and blue wire(0V).
※Please fasten the cleat of connector not to shown the thread.
(0.39 to 0.49N.m)
※Please fasten the vibration part with Teflon tape.
※Refer to the G-6 about IEC standard connector wires and
specifications.
※②,③ of N.O. type and ③,④ of N.C. type are not used terminals.
※The pin arrangement of connector applying IEC standard is being
developed.
※Please attach "I" at the end of the name of standard type for
purchasing the IEC standard product. Ex)PRDWT12-4DO-I
※The connector cable for IEC standard is being developed. Please
attach "I' at the end of the name of standard type.
Ex)CID2-2-I, CLD2-5-I
When several proximity sensors are mounted close to one
another a malfunction of the sensor may be caused due
to mutual interference. Therefore, be sure to provide a
minimum distance between the two sensors as below chart
indicates.
When sensors are mounted on metallic panel, you must
prevent the sensors from being affected by any metallic
object except target. Therefore, be sure to provide a
minimum distance as below chart indicates.
Please make the current on proximity sensor smaller than
the return current of load by connecting a bleeder resistor in
parallel.
※W value of Bleeder resistor should be bigger for proper
heat dissipation.
Model
Item
PRDT12-4□□
PRDWT12-4□□
PRDLT12-4□□
PRDT12-8□□
PRDWT12-8□□
PRDLT12-8□□
PRDT18-7□□
PRDWT18-7□□
PRDLT18-7□□
PRDWLT18-7□□
PRDT18-14□□
PRDWT18-14□□
PRDLT18-14□□
PRDWLT18-14□□
PRDT30-15□□
PRDWT30-15□□
PRDLT30-15□□
PRDT30-25□□
PRDWT30-25□□
PRDLT30-25□□
A
24
48
42
84
90
150
B
24
36
36
54
60
90
ℓ
0
11
0
14
0
15
ød
12
36
18
54
30
90
m
12
24
21
42
45
75
n
18
36
27
54
45
90
Wiring diagram
Proper usage
Load connections
In case of the load current is small
Mutual-interference
Influence by surrounding metals
DC 3-wire type
DC 2-wire type(IEC standard type)
DC 2-wire type(Standard type)
● DC 2-wire type
n



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com