Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PRDWT18-14XC Datasheet(PDF) 2 Page - Autonics Corporation

No. de pieza PRDWT18-14XC
Descripción Electrónicos  Long distance proximity sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AUTONICS [Autonics Corporation]
Página de inicio  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PRDWT18-14XC Datasheet(HTML) 2 Page - Autonics Corporation

  PRDWT18-14XC Datasheet HTML 1Page - Autonics Corporation PRDWT18-14XC Datasheet HTML 2Page - Autonics Corporation PRDWT18-14XC Datasheet HTML 3Page - Autonics Corporation PRDWT18-14XC Datasheet HTML 4Page - Autonics Corporation PRDWT18-14XC Datasheet HTML 5Page - Autonics Corporation PRDWT18-14XC Datasheet HTML 6Page - Autonics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
D-12
PRD/PRDW Series
(unit: mm)
Specifications
● DC 3-wire type
※1: The response frequency is the average value. The standard sensing target is used and the width is set as 2 times of the standard
sensing target, 1/2 of the sensing distance for the distance.
※The last 'V' of model name is for the model with oil-resistance reinforced cable.
※Environment resistance is rated at no freezing or condensation.
Model
PRD12-4DN
PRD12-4DP
PRD12-4DN2
PRD12-4DP2
PRDL12-4DN
PRDL12-4DP
PRDL12-4DN2
PRDL12-4DP2
PRDW12-4DN
PRDW12-4DP
PRDW12-4DN2
PRDW12-4DP2
PRDW12-4DN-V
PRDW12-4DP-V
PRDWL12-4DN
PRDWL12-4DP
PRDWL12-4DN2
PRDWL12-4DP2
PRD12-8DN
PRD12-8DP
PRD12-8DN2
PRD12-8DP2
PRDL12-8DN
PRDL12-8DP
PRDL12-8DN2
PRDL12-8DP2
PRDW12-8DN
PRDW12-8DP
PRDW12-8DN2
PRDW12-8DP2
PRDW12-8DN-V
PRDW12-8DP-V
PRDWL12-8DN
PRDWL12-8DP
PRDWL12-8DN2
PRDWL12-8DP2
PRD18-7DN
PRD18-7DP
PRD18-7DN2
PRD18-7DP2
PRDL18-7DN
PRDL18-7DP
PRDL18-7DN2
PRDL18-7DP2
PRDW18-7DN
PRDW18-7DP
PRDW18-7DN2
PRDW18-7DP2
PRDW18-7DN-V
PRDW18-7DP-V
PRDWL18-7DN
PRDWL18-7DP
PRDWL18-7DN2
PRDWL18-7DP2
PRD18-14DN
PRD18-14DP
PRD18-14DN2
PRD18-14DP2
PRDL18-14DN
PRDL18-14DP
PRDL18-14DN2
PRDL18-14DP2
PRDW18-14DN
PRDW18-14DP
PRDW18-14DN2
PRDW18-14DP2
PRDW18-14DN-V
PRDW18-14DP-V
PRDWL18-14DN
PRDWL18-14DP
PRDWL18-14DN2
PRDWL18-14DP2
PRD30-15DN
PRD30-15DP
PRD30-15DN2
PRD30-15DP2
PRDL30-15DN
PRDL30-15DP
PRDL30-15DN2
PRDL30-15DP2
PRDW30-15DN
PRDW30-15DP
PRDW30-15DN2
PRDW30-15DP2
PRDW30-15DN-V
PRDW30-15DP-V
PRDWL30-15DN
PRDWL30-15DP
PRDWL30-15DN2
PRDWL30-15DP2
PRD30-25DN
PRD30-25DP
PRD30-25DN2
PRD30-25DP2
PRDL30-25DN
PRDL30-25DP
PRDL30-25DN2
PRDL30-25DP2
PRDW30-25DN
PRDW30-25DP
PRDW30-25DN2
PRDW30-25DP2
PRDW30-25DN-V
PRDW30-25DP-V
PRDWL30-25DN
PRDWL30-25DP
PRDWL30-25DN2
PRDWL30-25DP2
Sensing distance
4
mm
8mm
7mm
14mm
15mm
25mm
Hysteresis
Max. 10% of sensing distance
Standard sensing target
12×12×1mm(Iron) 25×25×1mm(Iron) 20×20×1mm (Iron) 40×40×1mm (Iron) 45×45×1mm (Iron) 75×75×1mm (Iron)
Sensing distance
0 to 2.8mm
0 to 5.6mm
0 to 4.9mm
0 to 9.8mm
0 to 10.5mm
0 to 17.5mm
Power supply
(Operating voltage)
12-24VDC
(10-30VDC)
Currentconsumption
Max. 10mA
Response frequency※1
500
Hz
400
Hz
300
Hz
200
Hz
100
HZ
100
Hz
Residual voltage
Max. 1.5V
Affection by Temp.
Max. ±10% for sensing distance at ambient temperature 20℃
Control output
200
mA
Insulation resistance
Min. 50MΩ(at 500VDC megger)
Dielectric strength
1500VAC 50/60Hz for 1minute
Vibration
1mm amplitude at frequency of 10 to 55Hz(for 1 min.) in each of X, Y, Z directions for 2 hours
Shock
500m/s²(approx. 50G) X, Y, Z directions for 3 times
Indicator
Operation indicator(red LED)
Environ-
ment
Ambient temperature -25 to 70
℃, Storage: -30 to 80℃
Ambient humidity 35 to 95%RH, Storage: 35 to 95%RH
Protection circuit
Surge protection circuit, Reverse polarity protection circuit, Overcurrent protection circuit
Protection
IP67(IEC Standard)
Material
Case/Nut: Nickel plated Brass, Washer: Nickel plated Iron, Sensing surface: Heat-resistant ABS,
Standard cable(Black): Polyvinyl chloride(PVC), Oil resistant cable(Gray): Oil resistant Polyvinyl chloride(PVC)
Cable
ø4, 3-wire, 2m
ø5, 3-wire, 2m
(For cable type, 300mm, M12 connector), (AWG22, Core diameter: 0.08mm, Number of cores: 60, Insulator diameter: ø1.25)
Approval
Unit weight
PRD: Approx. 74g
PRDL: Approx. 94g
PRDW: Approx. 44g
PRDWL: Approx. 64g
PRD: Approx. 72g
PRDL: Approx. 92g
PRDW: Approx. 42g
PRDWL: Approx. 62g
PRD:Approx.115g
PRDL:Approx.145g
PRDW:Approx.80g
PRDWL:Approx.110g
PRD: Approx. 110g
PRDL: Approx. 140g
PRDW: Approx. 75g
PRDWL: Approx. 105g
PRD: Approx. 175g
PRDL: Approx. 215g
PRDW: Approx. 140g
PRDWL: Approx. 180g
PRD: Approx. 180g
PRDL: Approx. 220g
PRDW: Approx. 145g
PRDWL: Approx. 185g
Dimensions
● PRD(T)12-4D
● PRD(T)12-8D
ø21
17
52
31.5
2000
4
ø4
Operation
indicator
M12X1
Operation
indicator
ø21
17
52
24.5
2000
7
4
ø4
M12X1



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com