Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L4R5VGJ3 Datasheet(PDF) 77 Page - STMicroelectronics

No. de pieza STM32L4R5VGJ3
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGJ3 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STM32L4R5VGJ3 Datasheet HTML 73Page - STMicroelectronics STM32L4R5VGJ3 Datasheet HTML 74Page - STMicroelectronics STM32L4R5VGJ3 Datasheet HTML 75Page - STMicroelectronics STM32L4R5VGJ3 Datasheet HTML 76Page - STMicroelectronics STM32L4R5VGJ3 Datasheet HTML 77Page - STMicroelectronics STM32L4R5VGJ3 Datasheet HTML 78Page - STMicroelectronics STM32L4R5VGJ3 Datasheet HTML 79Page - STMicroelectronics STM32L4R5VGJ3 Datasheet HTML 80Page - STMicroelectronics STM32L4R5VGJ3 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 306 page
background image
3
B1
B1
3
3
C12
D1
D1
3
3
D3
C12 C12
D1
PE4
I/O
FT
-
TRACED1,
TIM3_CH2, SAI1_D2,
DFSDM1_DATIN3,
TSC_G7_IO3,
DCMI_D4, LCD_B0,
FMC_A20,
SAI1_FS_A,
EVENTOUT
-
4C2
C24
4D9
E4
E4
4
4C2
D9
D9
E4
PE5
I/O
FT
-
TRACED2,
TIM3_CH3,
SAI1_CK2,
DFSDM1_CKIN3,
TSC_G7_IO4,
DCMI_D6, LCD_G0,
FMC_A21,
SAI1_SCK_A,
EVENTOUT
-
5
D2
D2
5
5
D10
E3
E3
5
5
D4
D10 D10
E3
PE6
I/O
FT
-
TRACED3,
TIM3_CH4, SAI1_D1,
DCMI_D7, LCD_G1,
FMC_A22,
SAI1_SD_A,
EVENTOUT
RTC_TAMP3,W
KUP3
6
E2
E2
6
6
E10
E2
E2
6
6
B1
E10 E10
E2
VBAT
S
-
-
-
-
Table 15. STM32L4Rxxx pin definitions (continued)
Pin number
STM32L4R5xxx, STM32L4R7xxx
STM32L4R9xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More