| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L4R5VGJ3 Datasheet(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4R5VGJ3 Datasheet(HTML) 85 Page - STMicroelectronics |
|
85 / 306 page ![]() - M4 M4 --- N4 N4 --- --- OPAMP 2_VINM ITT - - - 32 J5 J5 43 43 M10 L4 L4 30 40 M4 M10 M10 M4 PA7 I/O FT_fla - TIM1_CH1N, TIM3_CH2, TIM8_CH1N, I2C3_SCL, SPI1_MOSI, OCTOSPIM_P1_IO2, TIM17_CH1, EVENTOUT OPAMP2_VINM, ADC1_IN12 33 K5 K5 44 44 L9 H5 H5 31 41 L5 L9 L9 K4 PC4 I/O FT_a - USART3_TX, OCTOSPIM_P1_IO7, EVENTOUT COMP1_INM, ADC1_IN13 34 L5 L5 45 45 K8 J5 J5 - - K5 K8 K8 - PC5 I/O FT_a - SAI1_D3, USART3_RX, EVENTOUT COMP1_INP, ADC1_IN14, WKUP5 35 M5 M5 46 46 M9 K5 K5 32 42 M5 M9 M9 N4 PB0 I/O TT_la - TIM1_CH2N, TIM3_CH3, TIM8_CH2N, SPI1_NSS, USART3_CK, OCTOSPIM_P1_IO1, COMP1_OUT, SAI1_EXTCLK, EVENTOUT OPAMP2_VOUT, ADC1_IN15 Table 15. STM32L4Rxxx pin definitions (continued) Pin number STM32L4R5xxx, STM32L4R7xxx STM32L4R9xxx |