| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L4R5VGJ3 Datasheet(PDF) 134 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4R5VGJ3 Datasheet(HTML) 134 Page - STMicroelectronics |
|
134 / 306 page ![]() Memory mapping STM32L4R5xx, STM32L4R7xx and STM32L4R9xx 134/306 DocID030321 Rev 3 5 Memory mapping Figure 22. STM32L4R5xx, STM32L4R7xx and STM32L4R9xx memory map MSv44746V1 Reserved 0xFFFF FFFF 0xE000 0000 0xC000 0000 0xA000 0000 0x8000 0000 0x6000 0000 OctoSPI bank2 0x4000 0000 0x2000 0000 0x0000 0000 0 1 2 3 4 5 6 7 Cortex™-M4 with FPU Internal Peripherals Peripherals SRAM1 CODE Reserved Reserved FMC and OctoSPI registers 0x9000 0000 OctoSPI bank1 Reserved 0x2004 0000 SRAM2 OTP area System memory Flash memory Flash, system memory or SRAM, depending on BOOT configuration AHB2 AHB1 APB2 APB1 0x5006 0C00 0x4800 0000 0x4002 4400 0x4002 0000 0x4001 6400 0x4001 0000 0x4000 9800 0x4000 0000 0x1FFF FFFF 0x1FFF F810 0x1FFF 0000 0x0810 0000 0x0800 0000 0x0010 0000 0x0000 0000 Reserved Reserved Reserved Reserved Reserved Reserved 0x1001 0000 0x1000 0000 SRAM2 Option Bytes System memory Options Bytes 0x1FFF F800 0x1FFF 7000 0x1FFF 7400 0x1FFF 7800 0x1FFF 7810 0x1FFF 8000 0x1FFF F000 Reserved Reserved OctoSPI registers FMC registers 0xBFFF FFFF 0xA000 1800 0xA000 1000 0xA000 0000 Reserved Reserved Reserved Reserved 0x5FFF FFFF FMC bank3 FMC bank1 0x7000 0000 SRAM3 0x2003 0000 0x200A 0000 GFXMMU Virtual Buffer 0x3000 0000 0x2FFF FFFF |