Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AX Datasheet(PDF) 28 Page - Texas Instruments

No. de pieza DP83826AX
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AX Datasheet(HTML) 28 Page - Texas Instruments

Back Button DP83826AX Datasheet HTML 24Page - Texas Instruments DP83826AX Datasheet HTML 25Page - Texas Instruments DP83826AX Datasheet HTML 26Page - Texas Instruments DP83826AX Datasheet HTML 27Page - Texas Instruments DP83826AX Datasheet HTML 28Page - Texas Instruments DP83826AX Datasheet HTML 29Page - Texas Instruments DP83826AX Datasheet HTML 30Page - Texas Instruments DP83826AX Datasheet HTML 31Page - Texas Instruments DP83826AX Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 113 page
background image
MMD
Register Address
Data
1Fh
0313h
06E3h
1Fh
033Ah
579Bh
1Fh
033Ch
EC00h
1Fh
0317h
1000h
1Fh
031Bh
8848h
1Fh
04F5h
2864h
1Fh
0000h
3300h
1Fh
0466h
FD00h
8.3.3.2 EEE Negotiation
EEE is advertised during auto-negotiation. Auto-Negotiation is performed at power up, on management
command, after link failure, or due to user intervention. EEE is supported if and only if both link partners
advertise EEE capabilities. If EEE is not supported, all EEE functions are disabled and the MAC must not
assert LPI. To advertise EEE capabilities, the PHY needs to exchange an additional formatted next page and
unformatted next page in sequence.
EEE Negotiation can be activated using Register Access. IEEE 802.3az defines MMD3 and MMD7 as the
locations for EEE control and status registers. The MMD3 registers 0x1014, 0x1001, 0x1016, and MMD7
registers 0x203C and 0x203D contain all the required controls and status indications for operating EEE. The
Energy Efficient Ethernet Configuration Register #3 (EEECFG3, address 0x04D1) contains controls for EEE
configuration bypass.
By default, EEE capabilities are bypassed. To advertise EEE based on MMD3 and MMD7 registers, EEE
capabilities bypass needs to be disabled (0x04D1.0 = 1, 0x04D1.3 = 1) and EEE Advertisement shall be enabled
(MMD7 0x203C.1 = 1).
8.3.4 EEE for Legacy MACs Not Supporting 802.3az
The device can be configured to initiate LPI signaling (Idle and Refresh) through register programming as well.
This feature enables the system to perform EEE even when the MAC used is not supporting EEE. In this
mode, responsibility of enabling and disabling LPI signaling lies on the Host Controller Application. While the
*DP83826Ax* is in LPI signaling mode, the application moves the DP83826Ax into active mode before sending
any data over the MAC interface.
The DP83826Ax does not have buffering capability to store the data while in LPI signaling mode. To enable EEE
through register configuration, the following registers must be configured:
1. Enable EEE capabilities by writing 0x04D1.0 = 1, 0x04D1.3 = 1
2. Advertise EEE capabilities during auto-negotiation by writing (MMD7 0x203C.1 = 1)
3. Renegotiate the link by writing 0x0000.9 = 1
4. Forced Tx LPI idles by writing 0x04D1.12 = 1
5. Write 0x04D1.12 = 0 to stop transmitting LPI Idles
8.3.5 Wake-on-LAN Packet Detection
Wake-on-LAN (WoL) provides a mechanism to detect specific frames and notify the connected controller through
either register status change, GPIO indication, or an interrupt flag. The WoL feature within the DP83826Ax
device allows for connected devices residing above the Physical Layer to remain in a low power state until
frames with the qualifying credentials are detected. This device supports WoL Magic Packet™ frame type. When
a qualifying WoL frame is received, the device WoL logic circuit generates a user-defined event (either pulses
or level change) through the GPIO pins or a status interrupt flag to inform a connected controller that a wake
DP83826AE, DP83826AI
SNLS783 – MAY 2025
www.ti.com
28
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com